Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KA7500B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. KA7500B
Description  SMPS Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7500B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA7500B Datasheet HTML 1Page - Fairchild Semiconductor KA7500B Datasheet HTML 2Page - Fairchild Semiconductor KA7500B Datasheet HTML 3Page - Fairchild Semiconductor KA7500B Datasheet HTML 4Page - Fairchild Semiconductor KA7500B Datasheet HTML 5Page - Fairchild Semiconductor KA7500B Datasheet HTML 6Page - Fairchild Semiconductor KA7500B Datasheet HTML 7Page - Fairchild Semiconductor KA7500B Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Internal Regulator Provides a Stable 5V Reference Supply
Trimmed to 5%
• Uncommitted Output TR for 200mA Sink or Source
Current
• Output Control For Push-Pull or Single Ended Operation
• Variable Duty Cycle By Dead Time Control (Pin 4)
Complete PWM Control Circuit
• On-Chip Oscillator With Master or Slave Operation
• Internal Circuit Prohibits Double Pulse at Either Output
Description
The KA7500B is used for the control circuit of the PWM
switching regulator. The KA7500B consists of 5V reference
voltage circuit, two error amplifiers, a flip flop, an output
control circuit, a PWM comparator, a dead time comparator
and an oscillator. This device can be operated in the
switching frequency of 1kHz to 300kHz.
16-DIP
16-SOP
1
1
Internal Block Diagram
KA7500B
SMPS Controller


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KA3846 SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
KA3882 SMPS CONTROLLER 1  2  3  4  5  Fairchild Semiconductor
ICE2A0565 Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 1  2  3  4  5  More Infineon Technologies AG
KA7500C SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
ICE3A0365 Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 1  2  3  4  5  More Infineon Technologies AG
KA7515 SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
TL494 SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
UC3525A SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
UC3842 SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn