Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KA7500B Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. KA7500B
Description  SMPS Controller
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7500B Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA7500B Datasheet HTML 1Page - Fairchild Semiconductor KA7500B Datasheet HTML 2Page - Fairchild Semiconductor KA7500B Datasheet HTML 3Page - Fairchild Semiconductor KA7500B Datasheet HTML 4Page - Fairchild Semiconductor KA7500B Datasheet HTML 5Page - Fairchild Semiconductor KA7500B Datasheet HTML 6Page - Fairchild Semiconductor KA7500B Datasheet HTML 7Page - Fairchild Semiconductor KA7500B Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KA7500B
3
Electrical Characteristics
(VCC = 20V, f = 10kHz, TA = 0
°C to +70°C, unless otherwise specified)
Note:
1. This parameter, although guaranteed, is not 100% tested in production.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
REFERENCE SECTION
Reference Output Voltage
VREF
IREF = 1mA
4.75
5.0
5.25
V
Line Regulation
∆VREF
VCC = 7V to 40V
-
2.0
25
mV
Temperature Coefficient of VREF
∆VREF/∆TTA = 0°C to 70°C
-
0.01
0.03
%/
°C
Load Regulation
∆VREF
IREF = 1mA to 10mA
-
1.0
15
mV
Short-Circuit Output Current
ISC
VREF = 0V
10
35
50
mA
OSCILLATOR SECTION
Oscillation Frequency
f
CT = 0.01
µF, RT = 12kΩ
-10-
kHz
Frequency Change with Temperature
∆f/∆TCT = 0.01µF, RT = 12kΩ
--
2
%
DEAD TIME CONTROL SECTION
Input Bias Current
IBIAS
VCC = 15V, 0V
≤V4≤5.25V
-
-2.0
-10
µA
Maximum Duty Cycle
D(MAX)
VCC = 15V, V4 = 0V
O.C Pin = VREF
45
-
-
%
Input Threshold Voltage
VITH
Zero Duty Cycle
-
3.0
3.3
V
Max. Duty Cycle
0
-
-
ERROR AMP SECTION
Input Offset Voltage
VIO
V3 = 2.5V
-
2.0
10
mV
Input Offset Current
IIO
V3 = 2.5V
-
25
250
mA
Input Bias Current
IBIAS
V3 = 2.5V
-
0.2
1.0
µA
Common Mode Input Voltage
VCM
7V
≤ VCC ≤ 40V
-0.3
-
VCC
V
Open-Loop Voltage Gain
GVO
0.5V
≤ V3 ≤3 .5V
70
95
-
dB
Unit-Gain Bandwidth (Note1)
BW
-
-650
-
kHz
PWM COMPARATOR SECTION
Input Threshold Voltage
VITH
Zero Duty Cycle
-
4
4.5
V
Input Sink Current
ISINK
V3=0.7V
-0.3
-0.7
-
mV
OUTPUT SECTION
Output Saturation Voltage
Common Emitter
VCE(SAT)
VE = 0, IC = 200mA
-
1.1
1.3
V
Common Collector
VCC(SAT)
VC = 15V, IE = -200mA
-
1.5
2.5
Collector Off-State Current
IC(OFF)
VCC = 40V, VCE = 40V
-
2
100
µA
Emitter Off-State Current
IE(OFF)
VCC = VC = 40V, VE = 0
-
-
-100
TOTAL DEVICE
Supply Current
ICC
Pin 6 = VREF, VCC = 15V
-
6
10
mA
OUTPUT SWITCHING CHARACTERISTICS
Rise Time
tR
-
----
Common Emitter
-
-
-100
200
ns
Common Collector
-
-
-100
200
Fall Time
tF
-
----
Common Emitter
-
-
-25
100
ns
Common Collector
-
-
-40
100


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA3846SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
KA3882SMPS CONTROLLER 1 2 3 4 5 Fairchild Semiconductor
ICE2A0565Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7500CSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
ICE3A0365Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7515SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
TL494SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3525ASMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3842SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn