Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN-0248 Datasheet(PDF) 4 Page - Analog Devices

Part # CN-0248
Description  An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CN-0248 Datasheet(HTML) 4 Page - Analog Devices

  CN-0248 Datasheet HTML 1Page - Analog Devices CN-0248 Datasheet HTML 2Page - Analog Devices CN-0248 Datasheet HTML 3Page - Analog Devices CN-0248 Datasheet HTML 4Page - Analog Devices CN-0248 Datasheet HTML 5Page - Analog Devices CN-0248 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CN-0248
Circuit Note
Rev. 0 | Page 4 of 6
reach its setpoint at as low an input power as when the maximum
gain code was 11. This allows VGA2 to keep its setpoint at
higher input powers, thus allowing the handoff from VGA2 to
VGA1 to take place before VGA2 runs out of gain. This ensures
that the signal level applied to the ADRF6510 is maintained at a
constant level until the uppermost of the input power range.
Figure 6 compares the EVM between the minimum and the
maximum digital gain settings (both VGAs were set to either
a gain code of 11 or a gain code of 00) on the ADL5336 VGAs;
however, the VGA1 and VGA2 setpoints were 707 mV rms and
88 mV rms, respectively.
0
–50
–95
35
PIN (dBm)
–45
–40
–35
–30
–25
–20
–15
–10
–5
–85 –75 –65 –55 –45 –35 –25 –15
–5
5
15
25
GAIN = 11
GAIN = 00
Figure 6. System EVM with VGA1 Setpoint = 707 mV rms and
VGA2 Setpoint = 88 mV rms
The same dynamics are occurring in Figure 6 as they were
in Figure 5, only they are much more exaggerated. When the
maximum gain code is 00, VGA2 reaches its setpoint at around
−40 dBm input power. It maintains its setpoint until about
−10 dBm, at which point, VGA1 has not reached its setpoint
of 707 mV rms. VGA1 does not reach its setpoint until about
0 dBm, and the EVM starts to level off somewhat. When the
maximum gain is set to 11, this same behavior happens again;
however, VGA2 maintains its setpoint only to about −20 dBm
because there is more gain available to attain the prescribed
setpoints.
COMMON VARIATIONS
System and Synthesizer
The signal generator that provides the 2×LO for the ADL5387
can be replaced by a wideband synthesizer, such as the ADF4350,
which has an integrated VCO. The ADF4350 belongs to a family
of synthesizers that operate over a wide frequency range, from
135 MHz to 4350 MHz, and that has varying phase noise and
output power metrics, making it easy to find the device to
match the required specifications of the application.
System and ADC
Adding an ADC to the system to sample the I and Q signals of
the ADRF6510 is a natural progression to complete the analog
signal chain. A dual ADC, such as the AD9248, provides 14 bits
of resolution and is offered in 20 MSPS, 40 MSPS, or 65 MSPS
sampling rates. An antialiasing filter is recommended between
the output of the ADRF6510 and the AD9248. Refer to the
ADRF6510 data sheet for the antialiasing filter design example.
ADRF6510 Output Common-Mode Voltage Considerations
The ADRF6510 output common-mode voltage is adjustable from
1.5 V to 3.0 V without loss of drive capability. Many modern ADCs
have input common-mode voltages of less than 1.5 V. Driving
the VOCM pin to an output common-mode voltage less than 1.5 V
starts to degrade the distortion performance of the ADRF6510;
however, it is still functional for less than 1.5 V common-mode
voltage levels. To maintain distortion performance, a dc level
shifting circuit may be required, or an integrated filter and
VGA device with a lower common-mode voltage, such as the
ADRF6516, can be used.
CIRCUIT EVALUATION AND TEST
Equipment Needed/Used
Signal generators include the following:
• Agilent E4438C vector signal generator
• Agilent E4438C signal generator
The baseband signal capture device is the
• Agilent DSO90604A oscilloscope
The EVM computation device(s) include the following:
• Agilent 89600 VSA software
• PC running Windows XP connected to oscilloscope via a
USB cable
The power supply includes the following:
• ±5 V supply. All boards require +5 V with the exception
of the AD8130 boards that require ±5 V
The evaluation boards include the following:
• ADL5336-EVALZ (one required)
• ADL5387-EVALZ (one required)
• ADRF6510-EVALZ (one required)
• AD8130-EBZ (two required)


Similar Part No. - CN-0248

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN-0243 AD-CN-0243 Datasheet
707Kb / 8P
   High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
CN-0245 AD-CN-0245 Datasheet
429Kb / 5P
   Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
REV. 0
More results

Similar Description - CN-0248

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MGCM02 ZARLINK-MGCM02 Datasheet
529Kb / 21P
   TDMA/AMPS IF and Baseband Interface
logo
Linear Technology
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA Datasheet
3Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001 LINER-LTM9001 Datasheet
412Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
logo
Analog Devices
HMC6301 AD-HMC6301 Datasheet
725Kb / 24P
   Programmable baseband gain and filter bandwidth
AD6650 AD-AD6650 Datasheet
594Kb / 28P
   Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PrJ 02/27/03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com