Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA723D Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA723D
Description  Precision Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA723D Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA723D Datasheet HTML 1Page - Fairchild Semiconductor KA723D Datasheet HTML 2Page - Fairchild Semiconductor KA723D Datasheet HTML 3Page - Fairchild Semiconductor KA723D Datasheet HTML 4Page - Fairchild Semiconductor KA723D Datasheet HTML 5Page - Fairchild Semiconductor KA723D Datasheet HTML 6Page - Fairchild Semiconductor KA723D Datasheet HTML 7Page - Fairchild Semiconductor KA723D Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2000 Fairchild Semiconductor International
www.fairchildsemi.com
Rev. 5.0
Features
• Positive or Negative Supply Operation
• 0.01% line and load regulation
• Output voltage adjustable from 2V to 37 V
• Output current to 150mA without external pass transistor
Description
The KA723 are monolithic integrated Circuit voltage regu-
lators featuring high ripple rejection, excellent output and
load regulation, excellent temperature stability, and low
standby current. The KA723 are also useful in a wide range
of other applications such as a shunt regulator, a current reg-
ulator or a temperature controller.
14-DIP
14-SOP
1
1
Internal Block Diagram
TEMP.
COMPENS
ZENER
REF
AMP
ERROR
AMP
+Vcc
12
4
INVERT
INPUT
12
11
FREQUENCY
COMPENS
Vo
Vo
VREF
-Vcc
NON
INVERT
INPUT
67
5
5
3
9
CURRENT
LIMIT
CURRENT
SENSE
Vz
KA723
Precision Voltage Regulator


Similar Part No. - KA723D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7226 SAMSUNG-KA7226 Datasheet
285Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
More results

Similar Description - KA723D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
   PRECISION VOLTAGE REGULATOR
logo
Hitachi Semiconductor
HA17723 HITACHI-HA17723 Datasheet
91Kb / 17P
   Precision Voltage Regulator
logo
NXP Semiconductors
MA723 PHILIPS-MA723 Datasheet
67Kb / 6P
   Precision voltage regulator
1994 Aug 31
logo
Microsemi Corporation
SG723 MICROSEMI-SG723 Datasheet
88Kb / 4P
   PRECISION VOLTAGE REGULATOR
SG723 MICROSEMI-SG723_1 Datasheet
306Kb / 4P
   PRECISION VOLTAGE REGULATOR
logo
Analog Devices
ADP3310 AD-ADP3310 Datasheet
120Kb / 8P
   Precision Voltage Regulator Controller
REV. A
logo
Seiko Instruments Inc
S-812XXSG SII-S-812XXSG Datasheet
1Mb / 31P
   HIGH-PRECISION VOLTAGE REGULATOR
logo
Analog Devices
ADP3310 AD-ADP3310_15 Datasheet
319Kb / 8P
   Precision Voltage Regulator Controller
REV. B
logo
Seiko Instruments Inc
S-813 SII-S-813 Datasheet
1Mb / 31P
   HIGH-PRECISION VOLTAGE REGULATOR?
logo
Jingjing Microelectroni...
EG431 EGMICRO-EG431 Datasheet
546Kb / 13P
   Precision adjustable voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com