Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK03P0DPA-00-J5A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK03P0DPA-00-J5A
Description  Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03P0DPA-00-J5A Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK03P0DPA-00-J5A Datasheet HTML 1Page - Renesas Technology Corp RJK03P0DPA-00-J5A Datasheet HTML 2Page - Renesas Technology Corp RJK03P0DPA-00-J5A Datasheet HTML 3Page - Renesas Technology Corp RJK03P0DPA-00-J5A Datasheet HTML 4Page - Renesas Technology Corp RJK03P0DPA-00-J5A Datasheet HTML 5Page - Renesas Technology Corp RJK03P0DPA-00-J5A Datasheet HTML 6Page - Renesas Technology Corp RJK03P0DPA-00-J5A Datasheet HTML 7Page - Renesas Technology Corp RJK03P0DPA-00-J5A Datasheet HTML 8Page - Renesas Technology Corp RJK03P0DPA-00-J5A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RJK03P0DPA
Preliminary
R07DS0904EJ0120 Rev.1.20
Page 3 of 10
Nov 01, 2012
• MOS2
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
±0.5
A
VGS = ±20 V, VDS = 0
Zero gate voltage drain current
IDSS
1
mA
VDS = 24 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.2
2.5
V
VDS = 10 V, I D =1 mA
RDS(on)
6.0
7.2
m
ID =12.5 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
7.2
9.4
m
ID = 12.5 A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
55
S
ID = 12.5 A, VDS = 5 V
Note4
Input capacitance
Ciss
1900
2660
pF
Output capacitance
Coss
360
pF
Reverse transfer capacitance
Crss
230
pF
VDS = 10 V
VGS = 0
f = 1MHz
Gate Resistance
Rg
1.6
3.2
Total gate charge
Qg
12.3
nC
Gate to source charge
Qgs
4.0
nC
Gate to drain charge
Qgd
3.7
nC
VDD = 10 V
VGS = 4.5 V
ID = 25 A
Turn-on delay time
td(on)
5.2
ns
Rise time
tr
3.6
ns
Turn-off delay time
td(off)
35
ns
Fall time
tf
12.3
ns
VGS = 10 V, ID = 12.5 A
VDD  10 V
RL = 0.8 
Rg = 4.7 
Schottky Barrier diode forward voltage
VF
0.44
V
IF = 2 A, VGS = 0
Note4
Body–drain diode reverse
recovery time
trr
6.6
ns
IF = 25 A, VGS = 0
diF/ dt = 100 A/s
Notes: 4. Pulse


Similar Part No. - RJK03P0DPA-00-J5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03P6DPA RENESAS-RJK03P6DPA Datasheet
241Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03P6DPA-00-J5A RENESAS-RJK03P6DPA-00-J5A Datasheet
241Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03P7DPA RENESAS-RJK03P7DPA Datasheet
259Kb / 11P
   MOS2 30 V, 30 A, 5.3 m max. High Speed Power Switching
RJK03P7DPA-00-J5A RENESAS-RJK03P7DPA-00-J5A Datasheet
259Kb / 11P
   MOS2 30 V, 30 A, 5.3 m max. High Speed Power Switching
RJK03P9DPA RENESAS-RJK03P9DPA Datasheet
335Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK03P0DPA-00-J5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03P6DPA RENESAS-RJK03P6DPA Datasheet
241Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03R4DPA RENESAS-RJK03R4DPA Datasheet
287Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03P9DPA RENESAS-RJK03P9DPA Datasheet
335Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03E6DPA RENESAS-RJK03E6DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E5DPA RENESAS-RJK03E5DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0204DPA RENESAS-RJK0204DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0208DPA RENESAS-RJK0208DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0236DPA RENESAS-RJK0236DPA Datasheet
161Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03C5DPA RENESAS-RJK03C5DPA_13 Datasheet
126Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E4DPA RENESAS-RJK03E4DPA_13 Datasheet
142Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com