Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1494.362NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA1494.362NL
Description  SMT POWER INDUCTORS Planar - PA1X9XNL Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1494.362NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA1494.362NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1494.362NL Datasheet HTML 2Page - Pulse A Technitrol Company PA1494.362NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
67
SPM2007 (11/07)
.005/0,13
3 SURFACES
.780 MAX
19,81
.290
7,37
MAX
4 X .125
3,18
(.588)
(14,94)
.770
19,56
MAX
.390
9,90
Part Number
Date Code
Country of Origin
Patent Pending
.500
12,70
(2X) Ø .110
2,79
PA1494
1.60 to 6.20 µH
9 to 37 Adc
.250
6,35
1
5
.390
9,91
.375
9,53
(2X) Ø .110
2,79
PA1393
1.00 to 3.40 µH
12 to 42 Adc
.250
6,35
1
4
.390
9,91
.250
6,35
(2X) Ø .110
2,79
PA1292 & PA1294
.405 to 1.50 µH
21 to 73 Adc
2
4
.390
9,91
Mechanical
Suggested Pad Layouts and Schematics
Weight . . . 10.8 grams MAX
Tape & Reel . . . . . . 250/reel
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
SMT POWER INDUCTORS
Planar - PA1X9XNL Series
TAPE & REEL LAYOUT
.800
20,32
.350
8,89
USER DIRECTION OF FEED
1.732 ± .012
44,00 ± 0,30
.945
24,00
.770
19,56


Similar Part No. - PA1494.362NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1494.362NL PULSE-PA1494.362NL Datasheet
202Kb / 3P
   SMT POWER INDUCTORS
PA1494.362NL PULSE-PA1494.362NL Datasheet
202Kb / 3P
   Planar
PA1494.362NL PULSE-PA1494.362NL Datasheet
770Kb / 4P
   SMT Power Inductors
More results

Similar Description - PA1494.362NL

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PI25 MPSIND-PI25 Datasheet
629Kb / 2P
   SMT HIGH CURRENT PLANAR INDUCTORS
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Coilcraft lnc.
DO5010H-105MLD COILCRAFT-DO5010H-105MLD Datasheet
379Kb / 2P
   SMT Power Inductors - DO5010H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
SD54 COILCRAFT-SD54_15 Datasheet
454Kb / 2P
   SMT Power Inductors ??SD54 Series
SD43 COILCRAFT-SD43_15 Datasheet
392Kb / 2P
   SMT Power Inductors ??SD43 Series
DAC7571IDBVTG4 COILCRAFT-DAC7571IDBVTG4 Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO5010H COILCRAFT-DO5010H_15 Datasheet
517Kb / 2P
   SMT Power Inductors - DO5010H Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com