Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA5S1265 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # KA5S1265
Description  Fairchild Power Switch(FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5S1265 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button KA5S1265 Datasheet HTML 5Page - Fairchild Semiconductor KA5S1265 Datasheet HTML 6Page - Fairchild Semiconductor KA5S1265 Datasheet HTML 7Page - Fairchild Semiconductor KA5S1265 Datasheet HTML 8Page - Fairchild Semiconductor KA5S1265 Datasheet HTML 9Page - Fairchild Semiconductor KA5S1265 Datasheet HTML 10Page - Fairchild Semiconductor KA5S1265 Datasheet HTML 11Page - Fairchild Semiconductor KA5S1265 Datasheet HTML 12Page - Fairchild Semiconductor KA5S1265 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
KA5S-SERIES KA5S0765C/KA5S09654QT/KA5S0965/KA5S12656/KA5S1265
9
Typical Performance Characteristics
Figure 1.
Start Up Current vs. Temp.
Figure 2. Operating Supply Current vs. Temp.
Figure 3. Stop Threshold Voltage
Figure 4. Start Threshold Voltage
Figure 5. Inital Frequency VS. Temp
0.00
0.03
0.06
0.09
0.12
-25
0
25
50
75
100
125
150
Temp(
℃)
Istart(mA)
4.0
6.0
8.0
10.0
12.0
-25
0
25
50
75
100
125
150
Temp(
℃)
Iop(mA)
8.10
8.40
8.70
9.00
9.30
-25
0
25
50
75
100
125
150
Temp(
℃)
Vs top(V)
VJTOP
14.4
14.7
15.0
15.3
15.6
-25
0
25
50
75
100
125
150
Temp(
℃)
Vs tart(V)
17.0
17.7
18.4
19.1
19.8
-25
0
25
50
75
100
125
150
Temp(
℃)
Fosc(kHz)


Similar Part No. - KA5S1265

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5S1265 FAIRCHILD-KA5S1265 Datasheet
213Kb / 16P
   Power Switch(FPS)
KA5S12656 FAIRCHILD-KA5S12656 Datasheet
213Kb / 16P
   Power Switch(FPS)
KA5S12656TU FAIRCHILD-KA5S12656TU Datasheet
213Kb / 16P
   Power Switch(FPS)
KA5S12656YDTU FAIRCHILD-KA5S12656YDTU Datasheet
213Kb / 16P
   Power Switch(FPS)
KA5S1265TU FAIRCHILD-KA5S1265TU Datasheet
213Kb / 16P
   Power Switch(FPS)
More results

Similar Description - KA5S1265

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com