Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK03N3DPA-00-J5A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJK03N3DPA-00-J5A
Description  30V, 35A, 4.7m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03N3DPA-00-J5A Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJK03N3DPA-00-J5A Datasheet HTML 1Page - Renesas Technology Corp RJK03N3DPA-00-J5A Datasheet HTML 2Page - Renesas Technology Corp RJK03N3DPA-00-J5A Datasheet HTML 3Page - Renesas Technology Corp RJK03N3DPA-00-J5A Datasheet HTML 4Page - Renesas Technology Corp RJK03N3DPA-00-J5A Datasheet HTML 5Page - Renesas Technology Corp RJK03N3DPA-00-J5A Datasheet HTML 6Page - Renesas Technology Corp RJK03N3DPA-00-J5A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJK03N3DPA
Preliminary
R07DS0784EJ0200 Rev.2.00
Page 5 of 6
Feb 12, 2013
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
Vin
10 V
0
ID
VDS
IAP
V(BR)DSS
L
VDD
EAS =
L
• I
AP
2
2
1
VDSS
VDSS – VDD
Vin Monitor
D.U.T.
Vin
8 V
RL
VDS
= 10 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
90%
10%
tf
Rg
3
1
0.3
0.1
0.03
0.01
1 m
10 m
100 m1
10
D = 1
0.5
0.2
0.1
0.05
0.02
0.
01
1shot
pu
lse
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
DM
P
PW
T
D =
PW
T
θch – c(t) = γs (t) • θch – c
θch – c = 3.57°C/W, Tc = 25°C
Avalanche Test CircuitAvalanche Waveform
Switching Time Test CircuitSwitching Time Waveform
10
μ
100
μ


Similar Part No. - RJK03N3DPA-00-J5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03N0DPA RENESAS-RJK03N0DPA Datasheet
225Kb / 7P
   30V, 45A, 2.4m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N0DPA-00-J5A RENESAS-RJK03N0DPA-00-J5A Datasheet
225Kb / 7P
   30V, 45A, 2.4m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N1DPA RENESAS-RJK03N1DPA Datasheet
182Kb / 7P
   30V, 45A, 3.0m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N1DPA-00-J5A RENESAS-RJK03N1DPA-00-J5A Datasheet
182Kb / 7P
   30V, 45A, 3.0m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N2DPA RENESAS-RJK03N2DPA Datasheet
234Kb / 7P
   30V, 40A, 4.0m max Built in SBD N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK03N3DPA-00-J5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03N2DPA RENESAS-RJK03N2DPA Datasheet
234Kb / 7P
   30V, 40A, 4.0m max Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N5DPA RENESAS-RJK03N5DPA Datasheet
183Kb / 7P
   30V, 45A, 2.9m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N4DPA RENESAS-RJK03N4DPA Datasheet
210Kb / 7P
   30V, 45A, 2.4m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N0DPA RENESAS-RJK03N0DPA Datasheet
225Kb / 7P
   30V, 45A, 2.4m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N1DPA RENESAS-RJK03N1DPA Datasheet
182Kb / 7P
   30V, 45A, 3.0m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N6DPA RENESAS-RJK03N6DPA Datasheet
206Kb / 7P
   30V, 40A, 3.8m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N7DPA RENESAS-RJK03N7DPA Datasheet
209Kb / 7P
   30V, 35A, 4.4m max.Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E9DPA RENESAS-RJK03E9DPA_13 Datasheet
123Kb / 7P
   30V, 35A, 4.3m max N Channel Power MOS FET High Speed Power Switching
RJK0353DPA RENESAS-RJK0353DPA_15 Datasheet
108Kb / 7P
   30V, 35A, 5.2m??max. N Channel Power MOS FET High Speed Power Switching
RJK03E6DPA RENESAS-RJK03E6DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com