Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

030-7270.0 Datasheet(PDF) 12 Page - Pulse A Technitrol Company

Part No. 030-7270.0
Description  LAMINATED TRANS ORMERS Type EI30 / 5 - 0.5VA
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

030-7270.0 Datasheet(HTML) 12 Page - Pulse A Technitrol Company

 
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811
www.pulseeng.com
16
LT2007 (9/07)
LAMINATED TRANSFORMERS
Type EI54 / 18.8 - 16VA
Frequency 50/60Hz
Potted under vacuum
Split-bobbin
Temperature class ta 40°C/B
Weight: 0.42kg
Packaging unit: 10 pieces (tray)
2
3
4
5
1
6
7
9
8
6 x 5
39
10
11
12
13
14
(6 x 0.20)
57
(2.24)
(1.54)
3,5
(0.14)
Pin Ø 0,8 mm
(Pin DIA. 0.031)
Mechanical
Schematics
No. 2
1
7
8
9
13
14
No. 3
8 *
14 *
13
9
1
7
5
3
No. 4
1
78
9
13
14
5
3
No. 1
1
78 *
14 *
13
9
* Empty-Pin
230
6 / 2666
7.60
1
054-5187.0
1/3*
230
9 / 1777
11.30
1
054-5190.0
1/3*
230
12 / 1333
14.90
1
054-5193.0
1/3*
230
15 / 1066
18.40
1
054-5196.0
1/3*
230
18 / 888
22.40
1
054-5199.0
1/3*
230
24 / 666
29.60
1
054-5205.0
1/3*
230
2x6 / 1333
2x7.70
2
054-5210.0
1/3*
230
2x9 / 888
2x11.40
2
054-5213.0
1/3*
230
2x12 / 666
2x15.00
2
054-5216.0
1/3*
230
2x15 / 533
2x18.70
2
054-5219.0
1/3*
230
2x18 / 444
2x22.40
2
054-5222.0
1/3*
230
2x24 / 333
2x29.00
2
054-5228.0
1
115
6 / 2666
7.60
1
054-5049.0
1/3*
115
9 / 1777
11.30
1
054-5052.0
1/3*
115
12 / 1333
14.90
1
054-5055.0
1/3*
115
15 / 1066
18.40
1
054-5058.0
1/3*
115
18 / 888
22.40
1
054-5061.0
1/3*
115
24 / 666
29.60
1
054-5067.0
1/3*
115
2x6 / 1333
2x7.70
2
054-5072.0
1/3*
115
2x9 / 888
2x11.40
2
054-5075.0
1/3*
115
2x12 / 666
2x15.00
2
054-5078.0
1/3*
115
2x15 / 533
2x18.70
2
054-5081.0
1/3*
115
2x18 / 444
2x22.40
2
054-5084.0
1/3*
115
2x24 / 333
2x29.00
2
054-5090.0
1
2x115
6 / 2666
7.60
3
054-5325.0
1/3*
2x115
9 / 1777
11.30
3
054-5328.0
1/3*
2x115
12 / 1333
14.90
3
054-5331.0
1/3*
2x115
15 / 1066
18.40
3
054-5334.0
1/3*
2x115
18 / 888
22.40
3
054-5337.0
1/3*
2x115
24 / 666
29.60
3
054-5343.0
1/3*
2x115
2x6 / 1333
2x7.70
4
054-5348.0
1/3*
2x115
2x9 / 888
2x11.40
4
054-5351.0
1/3*
2x115
2x12 / 666
2x15.00
4
054-5354.0
1/3*
2x115
2x15 / 533
2x18.70
4
054-5357.0
1/3*
2x115
2x18 / 444
2x22.40
4
054-5360.0
1/3*
2x115
2x24 / 333
2x29.00
4
054-5366.0
1
*NOTE: When checking the approval status of this product with VDE, add the prefix
"BV" and the suffix "K" to the orderable Part Number (these letters will also be found
on the part label). The prefix and suffix are not part of the orderable Part Number.
Primary
Secondary
No-Load
Schematic
Part
Agency
(V)
(V / mA)
Voltage (V)
No.
Number
Approvals
AGENCY
APPROVALS
1. UL 506, File E113449
3. EN61558
V
D E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn