Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA5H0165R Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KA5H0165R
Description  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5H0165R Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA5H0165R Datasheet HTML 1Page - Fairchild Semiconductor KA5H0165R Datasheet HTML 2Page - Fairchild Semiconductor KA5H0165R Datasheet HTML 3Page - Fairchild Semiconductor KA5H0165R Datasheet HTML 4Page - Fairchild Semiconductor KA5H0165R Datasheet HTML 5Page - Fairchild Semiconductor KA5H0165R Datasheet HTML 6Page - Fairchild Semiconductor KA5H0165R Datasheet HTML 7Page - Fairchild Semiconductor KA5H0165R Datasheet HTML 8Page - Fairchild Semiconductor KA5H0165R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KA5X0165RXX-SERIES
4
Electrical Characteristics (Control Part) (Continued)
(Ta=25
°C unless otherwise specified)
Note:
1. These parameters, although guaranteed, are not 100% tested in production
2. These parameters, although guaranteed, are tested in EDS (wafer test) process
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
UVLO SECTION
Start Threshold Voltage
VSTART
VFB=GND
14
15
16
V
Stop Threshold Voltage
VSTOP
VFB=GND
8.2
8.8
9.4
V
OSCILLATOR SECTION
Initial Accuracy
FOSC
KA5H0165Rxx
90
100
110
kHz
Initial Accuracy
FOSC
KA5M0165Rx
61
67
73
kHz
Initial Accuracy
FOSC
KA5L0165Rx
45
50
55
kHz
Frequency Change With Temperature (2)
∆F/∆T-25°C ≤ Ta ≤ +85°C-
±5
±10
%
Maximum Duty Cycle
Dmax
KA5H0165Rxx
62
67
72
%
Maximum Duty Cycle
Dmax
KA5M0165Rx
KA5L0165Rx
72
77
82
%
FEEDBACK SECTION
Feedback Source Current
IFB
Ta=25
°C, 0V ≤ Vfb ≤ 3V
0.7
0.9
1.1
mA
Shutdown Feedback Voltage
VSD
Vfb
≥ 6.5V
6.9
7.5
8.1
V
Shutdown Delay Current
Idelay
Ta=25
°C, 3V ≤ Vfb ≤ VSD
456
µA
REFERENCE SECTION
Output Voltage (1)
Vref
Ta=25
°C
4.80
5.00
5.20
V
Temperature Stability (1)(2)
Vref/
∆T-25°C ≤ Ta ≤ +85°C-
0.3
0.6
mV/
°C
CURRENT LIMIT(SELF-PROTECTION)SECTION
Peak Current Limit
IOVER
Max. inductor current
0.53
0.6
0.67
A
PROTECTION SECTION
Thermal Shutdown Temperature (1)
TSD
-
140
160
-
°C
Over Voltage Protection
VOVP
except KA5H0165RVN
25
27
29
V
TOTAL STANDBY CURRENT SECTION
Start-up Current
ISTART
VCC=14V
-
100
170
µA
Operating Supply Current
(Control Part Only)
IOP
VCC
≤ 28
-
7
12
mA


Similar Part No. - KA5H0165R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5H0265 FAIRCHILD-KA5H0265 Datasheet
138Kb / 14P
   Fairchild Power Switch(FPS)
KA5H02659RN FAIRCHILD-KA5H02659RN Datasheet
138Kb / 14P
   Fairchild Power Switch(FPS)
logo
ON Semiconductor
KA5H02659RN ONSEMI-KA5H02659RN Datasheet
295Kb / 15P
   Power Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
KA5H0265R FAIRCHILD-KA5H0265R Datasheet
54Kb / 5P
   S P S
KA5H0265RC FAIRCHILD-KA5H0265RC Datasheet
138Kb / 14P
   Fairchild Power Switch(FPS)
More results

Similar Description - KA5H0165R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com