Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS1500-FG484 Datasheet(PDF) 71 Page - Microsemi Corporation

Part No. P1AFS1500-FG484
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS1500-FG484 Datasheet(HTML) 71 Page - Microsemi Corporation

Back Button P1AFS1500-FG484 Datasheet HTML 67Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 68Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 69Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 70Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 71Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 72Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 73Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 74Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 75Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-55
tSUPGLOSSPRO
Page Loss Protect Setup Time for the Control Logic
1.69
1.93
2.27
ns
tHDPGLOSSPRO
Page Loss Protect Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUPGSTAT
Page Status Setup Time for the Control Logic
2.49
2.83
3.33
ns
tHDPGSTAT
Page Status Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUOVERWRPG
Over Write Page Setup Time for the Control Logic
1.88
2.14
2.52
ns
tHDOVERWRPG
Over Write Page Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSULOCKREQUEST
Lock Request Setup Time for the Control Logic
0.87
0.99
1.16
ns
tHDLOCKREQUEST
Lock Request Hold Time for the Control Logic
0.00
0.00
0.00
ns
tRECARNVM
Reset Recovery Time
0.94
1.07
1.25
ns
tREMARNVM
Reset Removal Time
0.00
0.00
0.00
ns
tMPWARNVM
Asynchronous Reset Minimum Pulse Width for the
Control Logic
10.00
12.50
12.50
ns
tMPWCLKNVM
Clock Minimum Pulse Width for the Control Logic
4.00
5.00
5.00
ns
tFMAXCLKNVM
Maximum Frequency for Clock for the Control Logic – for
AFS1500/AFS600
80.00
80.00
80.00
MHz
Maximum Frequency for Clock for the Control Logic – for
AFS250/AFS090
100.00
80.00
80.00
MHz
Table 2-25 • Flash Memory Block Timing (continued)
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn