Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS1500-FG484 Datasheet(PDF) 60 Page - Microsemi Corporation

Part No. P1AFS1500-FG484
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS1500-FG484 Datasheet(HTML) 60 Page - Microsemi Corporation

Back Button P1AFS1500-FG484 Datasheet HTML 56Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 57Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 58Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 59Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 60Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 61Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 62Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 63Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 64Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 334 page
background image
Device Architecture
2-44
Revision 4
Flash Memory Block Diagram
A simplified diagram of the flash memory block is shown in Figure 2-33.
The logic consists of the following sub-blocks:
Flash Array
Contains all stored data. The flash array contains 64 sectors, and each sector contains 33 pages
of data.
Page Buffer
A page-wide volatile register. A page contains 8 blocks of data and an AUX block.
Block Buffer
Contains the contents of the last block accessed. A block contains 128 data bits.
ECC Logic
The FB stores error correction information with each block to perform single-bit error correction and
double-bit error detection on all data blocks.
Figure 2-33 • Flash Memory Block Diagram
ADDDR[17:0]
DATAWIDTH[1:0]
REN
READNEXT
PAGESTATUS
WEN
ERASEPAGE
PROGRAM
SPAREPAGE
AUXBLOCK
UNPROTECTPAGE
OVERWRITEPAGE
DISCARDPAGE
OVERWRITEPROTECT
PAGELOSSPROTECT
PIPE
LOCKREQUEST
CLK
RESET
STATUS[1:0]
BUSY
Control
Logic
Output
MUX
Block Buffer
(128 bits)
ECC
Logic
Flash Array = 64 Sectors
RD[31:0]
WD[31 :0]
Page Buffer = 8 Blocks
Plus AUX Block


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn