Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS1500-FG484 Datasheet(PDF) 54 Page - Microsemi Corporation

Part No. P1AFS1500-FG484
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS1500-FG484 Datasheet(HTML) 54 Page - Microsemi Corporation

Back Button P1AFS1500-FG484 Datasheet HTML 50Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 51Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 52Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 53Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 54Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 55Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 56Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 57Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 58Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 334 page
background image
Device Architecture
2-38
Revision 4
Table 2-17 • VRPSM Signal Descriptions
Signal Name
Width Dir.
Function
VRPU
1
In Voltage Regulator Power-Up
0 – Voltage regulator disabled. PUB must be floated or pulled up, and
the TRST pin must be grounded to disable the voltage regulator.
1 – Voltage regulator enabled
VRINITSTATE
1
In Voltage Regulator Initial State
Defines the voltage Regulator status upon power-up of the 3.3 V. The
signal is configured by Libero SoC when the VRPSM macro is
generated.
Tie off to 1 – Voltage regulator enables when 3.3 V is powered.
Tie off to 0 – Voltage regulator disables when 3.3 V is powered.
RTCPSMMATCH
1
In RTC Power System Management Match
Connect from RTCPSMATCH signal from RTC in AB
0 transition to 1 turns on the voltage regulator
PUB
1
In External pin, built-in weak pull-up
Power-Up Bar
0 – Enables voltage regulator at all times
TRST*
1
In External pin, JTAG Test Reset
1 – Enables voltage regulator at all times
FPGAGOOD
1
Out Indicator that the FPGA is powered and functional
No need to connect if it is not used.
1 – Indicates that the FPGA is powered up and functional.
0 – Not possible to read by FPGA since it has already powered off.
PUCORE
1
Out Power-Up Core
Inverted signal of PUB. No need to connect if it is not used.
VREN*
1
Out Voltage Regulator Enable
Connected to 1.5 V voltage regulator in Fusion device internally.
0 – Voltage regulator disables
1 – Voltage regulator enables
Note: *Signals are hardwired internally and do not exist in the macro core.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn