Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS1500-FG484 Datasheet(PDF) 44 Page - Microsemi Corporation

Part No. P1AFS1500-FG484
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS1500-FG484 Datasheet(HTML) 44 Page - Microsemi Corporation

Back Button P1AFS1500-FG484 Datasheet HTML 40Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 41Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 42Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 43Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 44Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 45Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 46Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 47Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 48Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 334 page
background image
Device Architecture
2-28
Revision 4
CCC Physical Implementation
The CCC circuit is composed of the following (Figure 2-23):
PLL core
3 phase selectors
6 programmable delays and 1 fixed delay
5 programmable frequency dividers that provide frequency multiplication/division (not shown in
Figure 2-23 because they are automatically configured based on the user's required frequencies)
1 dynamic shift register that provides CCC dynamic reconfiguration capability (not shown)
CCC Programming
The CCC block is fully configurable. It is configured via static flash configuration bits in the array, set by
the user in the programming bitstream, or configured through an asynchronous dedicated shift register,
dynamically accessible from inside the Fusion device. The dedicated shift register permits changes of
parameters such as PLL divide ratios and delays during device operation. This latter mode allows the
user to dynamically reconfigure the PLL without the need for core programming. The register file is
accessed through a simple serial interface.
Note: Clock divider and multiplier blocks are not shown in this figure or in SmartGen. They are
automatically configured based on the user's required frequencies.
Figure 2-23 • PLL Block
PLL Core
Phase
Select
Phase
Select
Phase
Select
GLA
CLKA
GLB
YB
GLC
YC
Fixed Delay
Programmable
Delay Type 1
Programmable
Delay Type 2
Programmable
Delay Type 2
Programmable
Delay Type 1
Programmable
Delay Type 2
Programmable
Delay Type 1
Four-Phase Output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn