Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS1500-FG484 Datasheet(PDF) 24 Page - Microsemi Corporation

Part No. P1AFS1500-FG484
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS1500-FG484 Datasheet(HTML) 24 Page - Microsemi Corporation

Back Button P1AFS1500-FG484 Datasheet HTML 20Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 21Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 22Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 23Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 24Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 25Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 26Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 27Page - Microsemi Corporation P1AFS1500-FG484 Datasheet HTML 28Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 334 page
background image
Device Architecture
2-8
Revision 4
Array Coordinates
During many place-and-route operations in the Microsemi Designer software tool, it is possible to set
constraints that require array coordinates. Table 2-3 is provided as a reference. The array coordinates
are measured from the lower left (0, 0). They can be used in region constraints for specific logic
groups/blocks, designated by a wildcard, and can contain core cells, memories, and I/Os.
Table 2-3 provides array coordinates of core cells and memory blocks.
I/O and cell coordinates are used for placement constraints. Two coordinate systems are needed
because there is not a one-to-one correspondence between I/O cells and edge core cells. In addition, the
I/O coordinate system changes depending on the die/package combination. It is not listed in Table 2-3.
The Designer ChipPlanner tool provides array coordinates of all I/O locations. I/O and cell coordinates
are used for placement constraints. However, I/O placement is easier by package pin assignment.
Figure 2-7 illustrates the array coordinates of an AFS600 device. For more information on how to use
array coordinates for region/placement constraints, see the Designer User's Guide or online help
(available in the software) for Fusion software tools.
Table 2-3 • Array Coordinates
Device
VersaTiles
Memory Rows
All
Min.
Max.
Bottom
Top
Min.
Max.
x
y
x
y
(x, y)
(x, y)
(x, y)
(x, y)
AFS090
3
2
98
25
None
(3, 26)
(0, 0)
(101, 29)
AFS250
3
2
130
49
None
(3, 50)
(0, 0)
(133, 53)
AFS600
3
4
194
75
(3, 2)
(3, 76)
(0, 0)
(197, 79)
AFS1500
3
4
322
123
(3, 2)
(3, 124)
(0, 0)
(325, 129)
Note: The vertical I/O tile coordinates are not shown. West side coordinates are {(0, 2) to (2, 2)} to {(0, 77) to (2, 77)};
east side coordinates are {(195, 2) to (197, 2)} to {(195, 77) to (197, 77)}.
Figure 2-7 • Array Coordinates for AFS600
(0, 79)
(197, 1)
Top Row (5, 1) to (168, 1)
Bottom Row (7, 0) to (165, 0)
Top Row (169, 1) to (192, 1)
Memory
Blocks
Memory
Blocks
Memory
Blocks
UJTAG FlashROM
Top Row (7, 79) to (189, 79)
Bottom Row (5, 78) to (192, 78)
I/O Tile
(3, 77)
(3, 76)
Memory
Blocks
(3, 3)
(3, 2)
VersaTile (Core)
(3, 75)
VersaTile (Core)
(3, 4)
(0, 0)
(197, 0)
(194, 2)
(194, 3)
(194, 4)
VersaTile(Core)
(194, 75)
VersaTile (Core)
(197, 79)
(194, 77)
(194, 76)
I/O Tile to Analog Block


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn