Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS1500-QN484 Datasheet(PDF) 53 Page - Microsemi Corporation

Part No. P1AFS1500-QN484
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS1500-QN484 Datasheet(HTML) 53 Page - Microsemi Corporation

Back Button P1AFS1500-QN484 Datasheet HTML 49Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 50Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 51Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 52Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 53Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 54Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 55Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 56Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 57Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-37
Voltage Regulator and Power System Monitor (VRPSM)
The VRPSM macro controls the power-up state of the FPGA. The power-up bar (PUB) pin can turn on
the voltage regulator when set to 0. TRST can enable the voltage regulator when deasserted, allowing
the FPGA to power-up when user want access to JTAG ports. The inputs VRINITSTATE and
RTCPSMMATCH come from the flash bits and RTC, and can also power up the FPGA.
Table 2-15 • Memory Map for RTC in ACM Register and Description
ACMADDR
Register Name
Description
Use
Default
Value
0x40
COUNTER0
Counter bits 7:0
Used to preload the counter to
a specified start point.
0x00
0x41
COUNTER1
Counter bits 15:8
0x00
0x42
COUNTER2
Counter bits 23:16
0x00
0x43
COUNTER3
Counter bits 31:24
0x00
0x44
COUNTER4
Counter bits 39:32
0x00
0x48
MATCHREG0
Match register bits 7:0
The RTC comparison bits
0x00
0x49
MATCHREG1
Match register bits 15:8
0x00
0x4A
MATCHREG2
Match register bits 23:16
0x00
0x4B
MATCHREG3
Match register bits 31:24
0x00
0x4C
MATCHREG4
Match register bits 39:32
0x00
0x50
MATCHBIT0
Individual match bits 7:0
The output of the XNOR gates
0 – Not matched
1 – Matched
0x00
0x51
MATCHBIT1
Individual match bits 15:8
0x00
0x52
MATCHBIT2
Individual match bits 23:16
0x00
0x53
MATCHBIT3
Individual match bits 31:24
0x00
0x54
MATCHBIT4
Individual match bits 29:32
0x00
0x58
CTRL_STAT
Control (write/read) / Status
(read only) register bits
Refer
to
Table 2-16
on
page 2-36 for details.
0x00
Note: *Signals are hardwired internally and do not exist in the macro core.
Figure 2-30 • VRPSM Macro
VRPU
PUB
VRINITSTATE
RTCPSMMATCH
FPGAGOOD
PUCORE
VREN*
VRPSM
TRST*


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn