Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS1500-QN484 Datasheet(PDF) 36 Page - Microsemi Corporation

Part No. P1AFS1500-QN484
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS1500-QN484 Datasheet(HTML) 36 Page - Microsemi Corporation

Back Button P1AFS1500-QN484 Datasheet HTML 32Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 33Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 34Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 35Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 36Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 37Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 38Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 39Page - Microsemi Corporation P1AFS1500-QN484 Datasheet HTML 40Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 334 page
background image
Device Architecture
2-20
Revision 4
RC Oscillator
The RC oscillator is an on-chip free-running clock source generating a 100 MHz clock. It can be used as
a source clock for both on-chip and off-chip resources. When used in conjunction with the Fusion PLL
and CCC circuits, the RC oscillator clock source can be used to generate clocks of varying frequency
and phase.
The Fusion RC oscillator is very accurate at ±1% over commercial temperature ranges and and ±3%
over industrial temperature ranges. It is an automated clock, requiring no setup or configuration by the
user. It requires only that the power and GNDOSC pins be connected; no external components are
required. The RC oscillator can be used to drive either a PLL or another internal signal.
RC Oscillator Characteristics
Table 2-9 • Electrical Characteristics of RC Oscillator
Parameter
Description
Conditions
Min.
Typ.
Max. Units
FRC
Operating
Frequency
100
MHz
Accuracy
Temperature: 0°C to 85°C
Voltage: 3.3 V ± 5%
1%
Temperature: –40°C to 125°C
Voltage: 3.3 V ± 5%
3%
Output Jitter
Period Jitter (at 5 k cycles)
100
ps
Cycle–Cycle Jitter (at 5 k cycles)
100
ps
Period Jitter (at 5 k cycles) with
1 KHz / 300 mV peak-to-peak noise
on power supply
150
ps
Cycle–Cycle Jitter (at 5 k cycles) with
1 KHz / 300 mV peak-to-peak noise
on power supply
150
ps
Output Duty Cycle
50
%
IDYNRC
Operating Current
1
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn