Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS1500-FG256 Datasheet(PDF) 99 Page - Microsemi Corporation

Part No. P1AFS1500-FG256
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS1500-FG256 Datasheet(HTML) 99 Page - Microsemi Corporation

Back Button P1AFS1500-FG256 Datasheet HTML 95Page - Microsemi Corporation P1AFS1500-FG256 Datasheet HTML 96Page - Microsemi Corporation P1AFS1500-FG256 Datasheet HTML 97Page - Microsemi Corporation P1AFS1500-FG256 Datasheet HTML 98Page - Microsemi Corporation P1AFS1500-FG256 Datasheet HTML 99Page - Microsemi Corporation P1AFS1500-FG256 Datasheet HTML 100Page - Microsemi Corporation P1AFS1500-FG256 Datasheet HTML 101Page - Microsemi Corporation P1AFS1500-FG256 Datasheet HTML 102Page - Microsemi Corporation P1AFS1500-FG256 Datasheet HTML 103Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-83
Analog Quad
With the Fusion family, Microsemi introduces the Analog Quad, shown in Figure 2-65 on page 2-84, as
the basic analog I/O structure. The Analog Quad is a four-channel system used to precondition a set of
analog signals before sending it to the ADC for conversion into a digital signal. To maximize the
usefulness of the Analog Quad, the analog input signals can also be configured as LVTTL digital input
signals. The Analog Quad is divided into four sections.
The first section is called the Voltage Monitor Block, and its input pin is named AV. It contains a two-
channel analog multiplexer that allows an incoming analog signal to be routed directly to the ADC or
allows the signal to be routed to a prescaler circuit before being sent to the ADC. The prescaler can be
configured to accept analog signals between –12 V and 0 or between 0 and +12 V. The prescaler circuit
scales the voltage applied to the ADC input pad such that it is compatible with the ADC input voltage
range. The AV pin can also be used as a digital input pin.
The second section of the Analog Quad is called the Current Monitor Block. Its input pin is named AC.
The Current Monitor Block contains all the same functions as the Voltage Monitor Block with one
addition, which is a current monitoring function. A small external current sensing resistor (typically less
than 1
) is connected between the AV and AC pins and is in series with a power source. The Current
Monitor Block contains a current monitor circuit that converts the current through the external resistor to
a voltage that can then be read using the ADC.
AG6
1
Output
Analog Quad
AT6
1
Input
Analog Quad
ATRETURN67
1
Input
Temperature monitor return shared by
Analog Quads 6 and 7
Analog Quad
AV7
1
Input
Analog Quad 7
Analog Quad
AC7
1
Input
Analog Quad
AG7
1
Output
Analog Quad
AT7
1
Input
Analog Quad
AV8
1
Input
Analog Quad 8
Analog Quad
AC8
1
Input
Analog Quad
AG8
1
Output
Analog Quad
AT8
1
Input
Analog Quad
ATRETURN89
1
Input
Temperature monitor return shared by
Analog Quads 8 and 9
Analog Quad
AV9
1
Input
Analog Quad 9
Analog Quad
AC9
1
Input
Analog Quad
AG9
1
Output
Analog Quad
AT9
1
Input
Analog Quad
RTCMATCH
1
Output
MATCH
RTC
RTCPSMMATCH
1
Output
MATCH connected to VRPSM
RTC
RTCXTLMODE[1:0]
2
Output
Drives XTLOSC RTCMODE[1:0] pins
RTC
RTCXTLSEL
1
Output
Drives XTLOSC MODESEL pin
RTC
RTCCLK
1
Input
RTC clock input
RTC
Table 2-36 • Analog Block Pin Description (continued)
Signal Name
Number
of Bits
Direction
Function
Location of
Details


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn