Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA5S0765C Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # KA5S0765C
Description  Fairchild Power Switch(FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5S0765C Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button KA5S0765C Datasheet HTML 4Page - Fairchild Semiconductor KA5S0765C Datasheet HTML 5Page - Fairchild Semiconductor KA5S0765C Datasheet HTML 6Page - Fairchild Semiconductor KA5S0765C Datasheet HTML 7Page - Fairchild Semiconductor KA5S0765C Datasheet HTML 8Page - Fairchild Semiconductor KA5S0765C Datasheet HTML 9Page - Fairchild Semiconductor KA5S0765C Datasheet HTML 10Page - Fairchild Semiconductor KA5S0765C Datasheet HTML 11Page - Fairchild Semiconductor KA5S0765C Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
KA5S-SERIES KA5S0765C/KA5S09654QT/KA5S0965/KA5S12656/KA5S1265
8
Electrical Characteristics (CONTROL Part)
(VCC=16V, Tamb = 25
°C unless otherwise specified)
Note:
1. These parameters is the Current Flowing in the Control IC.
2. These parameters, although guaranteed, are not 100% tested in production
3. These parameters, although guaranteed, are tested in EDS(wafer test) process
4. These parameters are indicated Inductor Current.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
UVLO SECTION
Start Threshold Voltage
VSTART
VFB=GND
14
15
16
V
StopThreshold Voltage
VSTOP
VFB=GND
8
9
10
V
OSCILLATOR SECTION
Initial Frequency
FOSC
-18
20
22
kHz
Voltage Stability
FSTABLE
12V
≤ VCC ≤ 23V
0
1
3%
Temperature Stability (Note2)
∆FOSC
-25
°C ≤ Τa≤ 85°C0
±5
±10
%
Maximum Duty Cycle
DMAX
-92
95
98
%
Minimum Duty Cycle
DMIN
--
-
0
%
FEEDBACK SECTION
Feedback Source Current
IFB
VFB=GND
0.7
0.9
1.1
mA
Shutdown Feedback Voltage
VSD
VFB
≥ 6.9V
6.9
7.5
8.1
V
Shutdown Delay Current
IDELAY
VFB=5V
3.0
4.0
5.0
µA
SYNC. & SOFTSTART SECTION
Softstart Voltage
VSS
VFB=2V
4.7
5.0
5.3
V
Softstart Current
ISS
VSS=0V
0.75
0.95
1.15
mA
Sync High Threshold Voltage(Note3)
VSYNCH
VCC=16V , VFB=5V
-
7.0
-
V
Sync Low Threshold Voltage(Note3)
VSYNCL
VCC=16V , VFB=5V
-
6.0
-
V
CURRENT LIMIT(SELF-PROTECTION)SECTION
Peak Current Limit (Note4)
IOVER
KA5S0765C
3.52
4.0
4.48
A
KA5S09654QT
3.52
4.0
4.48
KA5S0965
5.28
6.0
6.72
KA5S12656
5.28
6.0
6.72
KA5S1265
7.04
8.0
8.96
PROTECTION SECTION
Over Voltage Protcetion
VOVP
VCC
≥ 24V
23
25
28
V
Over Current Latch voltage(Note3)
VOCL
-0.9
1.0
1.1
V
Thermal Shutdown Tempature(Note2)
TSD
-
140
160
-
°C
TOTAL DEVICE SECTION
Start Up Current
ISTART
VFB=GND, VCC=14V
-
0.1
0.17
mA
Operating Supply Current(Note1)
IOP
VFB=GND, VCC=16V
-7
12
mA
IOP(MIN)
VFB=GND, VCC=12V
IOP(MAX)
VFB=GND, VCC=30V


Similar Part No. - KA5S0765C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5S0765C FAIRCHILD-KA5S0765C Datasheet
213Kb / 16P
   Power Switch(FPS)
KA5S0765CTU FAIRCHILD-KA5S0765CTU Datasheet
213Kb / 16P
   Power Switch(FPS)
KA5S0765CYDTU FAIRCHILD-KA5S0765CYDTU Datasheet
213Kb / 16P
   Power Switch(FPS)
More results

Similar Description - KA5S0765C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com