Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS1500-PQ256 Datasheet(PDF) 86 Page - Microsemi Corporation

Part No. P1AFS1500-PQ256
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS1500-PQ256 Datasheet(HTML) 86 Page - Microsemi Corporation

Back Button P1AFS1500-PQ256 Datasheet HTML 82Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 83Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 84Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 85Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 86Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 87Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 88Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 89Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 90Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 334 page
background image
Device Architecture
2-70
Revision 4
Table 2-32 • RAM512X18
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tAS
Address setup time
0.25 0.28
0.33
ns
tAH
Address hold time
0.00 0.00
0.00
ns
tENS
REN, WEN setup time
0.09 0.10
0.12
ns
tENH
REN, WEN hold time
0.06 0.07
0.08
ns
tDS
Input data (WD) setup time
0.18 0.21
0.25
ns
tDH
Input data (WD) hold time
0.00 0.00
0.00
ns
tCKQ1
Clock High to new data valid on RD (output retained)
2.16 2.46
2.89
ns
tCKQ2
Clock High to new data valid on RD (pipelined)
0.90 1.02
1.20
ns
tC2CRWH1
Address collision clk-to-clk delay for reliable read access after write on
same address—Applicable to Opening Edge
0.50 0.43
0.38
ns
tC2CWRH1
Address collision clk-to-clk delay for reliable write access after read on
same address— Applicable to Opening Edge
0.59 0.50
0.44
ns
tRSTBQ1
RESET Low to data out Low on RD (flow-through)
0.92 1.05
1.23
ns
RESET Low to data out Low on RD (pipelined)
0.92 1.05
1.23
ns
tREMRSTB
RESET removal
0.29 0.33
0.38
ns
tRECRSTB
RESET recovery
1.50 1.71
2.01
ns
tMPWRSTB
RESET minimum pulse width
0.21 0.24
0.29
ns
tCYC
Clock cycle time
3.23 3.68
4.32
ns
FMAX
Maximum frequency
310
272
231
MHz
Notes:
1. For more information, refer to the application note Simultaneous Read-Write Operations in Dual-Port SRAM for Flash-
Based cSoCs and FPGAs.
2. For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on page 3-9.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn