Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS1500-PQ256 Datasheet(PDF) 59 Page - Microsemi Corporation

Part No. P1AFS1500-PQ256
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS1500-PQ256 Datasheet(HTML) 59 Page - Microsemi Corporation

Back Button P1AFS1500-PQ256 Datasheet HTML 55Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 56Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 57Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 58Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 59Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 60Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 61Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 62Page - Microsemi Corporation P1AFS1500-PQ256 Datasheet HTML 63Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-43
All flash memory block input signals are active high, except for RESET.
STATUS[1:0]
2
Out
Status of the last operation completed:
00: Successful completion
01: Read-/Unprotect-Page: single error detected and corrected
Write: operation addressed a write-protected page
Erase-Page: protection violation
Program: Page Buffer is unmodified
Protection violation
10: Read-/Unprotect-Page: two or more errors detected
11: Write: attempt to write to another page before programming
current page
Erase-Page/Program: page write count has exceeded the 10-year
retention threshold
UNPROTECTPAGE
1
In
When asserted, the page addressed is copied into the Page Buffer
and the Page Buffer is made writable.
WD[31:0]
32
In
Write data
WEN
1
In
When asserted, stores WD in the page buffer.
Table 2-19 • Flash Memory Block Pin Names (continued)
Interface Name
Width Direction
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn