Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK03E9DPA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK03E9DPA
Description  30V, 35A, 4.3m max N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03E9DPA Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK03E9DPA Datasheet HTML 1Page - Renesas Technology Corp RJK03E9DPA Datasheet HTML 2Page - Renesas Technology Corp RJK03E9DPA Datasheet HTML 3Page - Renesas Technology Corp RJK03E9DPA Datasheet HTML 4Page - Renesas Technology Corp RJK03E9DPA Datasheet HTML 5Page - Renesas Technology Corp RJK03E9DPA Datasheet HTML 6Page - Renesas Technology Corp RJK03E9DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK03E9DPA
Preliminary
R07DS0935EJ0400 Rev.4.00
Page 2 of 6
Mar 22, 2013
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
± 0.1
A
VGS = ±12 V, VDS = 0
Zero gate voltage drain current
IDSS
1
A
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.2
2.5
V
VDS = 10 V, I D = 1 mA
RDS(on)
3.5
4.3
m
ID = 17.5 A, VGS = 8.0 V
Note4
Static drain to source on state
resistance
RDS(on)
4.3
5.4
m
ID = 17.5 A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
95
S
ID = 17.5 A, VDS = 5 V
Note4
Input capacitance
Ciss
3100
4340
pF
Output capacitance
Coss
320
pF
Reverse transfer capacitance
Crss
193
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Gate Resistance
Rg
1.2
2.4
Total gate charge
Qg
22
nC
Gate to source charge
Qgs
8.6
nC
Gate to drain charge
Qgd
5.7
nC
VDD = 10 V
VGS = 4.5 V
ID = 35 A
Turn-on delay time
td(on)
16
ns
Rise time
tr
5.3
ns
Turn-off delay time
td(off)
51
ns
Fall time
tf
8.2
ns
VGS = 8 V, ID = 17.5 A
VDD  10 V
RL = 0.57 
Rg = 4.7
Body–drain diode forward voltage
VDF
0.83
1.08
V
IF = 35 A, VGS = 0
Note4
Body–drain diode reverse recovery
time
trr
19
ns
IF = 35 A, VGS = 0
diF/ dt = 100 A/ s
Notes: 4. Pulse test


Similar Part No. - RJK03E9DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03E9DPA RENESAS-RJK03E9DPA Datasheet
114Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK03E9DPA-00-J53 RENESAS-RJK03E9DPA-00-J53 Datasheet
114Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK03E9DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0353DPA RENESAS-RJK0353DPA_15 Datasheet
108Kb / 7P
   30V, 35A, 5.2m??max. N Channel Power MOS FET High Speed Power Switching
RJK03M4DPA RENESAS-RJK03M4DPA_15 Datasheet
157Kb / 7P
   30V, 35A, 4.6m廓max. N Channel Power MOS FET High Speed Power Switching
RJJ0315DPA RENESAS-RJJ0315DPA_15 Datasheet
159Kb / 7P
   -30V, -35A, 5.9m廓max. P Channel Power MOS FET High Speed Power Switching
RJK03N3DPA RENESAS-RJK03N3DPA Datasheet
193Kb / 7P
   30V, 35A, 4.7m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0234DNS RENESAS-RJK0234DNS Datasheet
288Kb / 7P
   25V, 35A, 5.8m廓max. N Channel Power MOS FET High Speed Power Switching
RJK03M6DPA RENESAS-RJK03M6DPA Datasheet
160Kb / 7P
   30V, 30A, 9.4m max. N Channel Power MOS FET High Speed Power Switching
RJK03F0DPA RENESAS-RJK03F0DPA_13 Datasheet
123Kb / 7P
   30V, 30A, 6.4m max. N Channel Power MOS FET High Speed Power Switching
RJK0391DPA RENESAS-RJK0391DPA_15 Datasheet
108Kb / 7P
   30V, 50A, 2.9m??max. N Channel Power MOS FET High Speed Power Switching
RJK0346DPA RENESAS-RJK0346DPA_15 Datasheet
106Kb / 7P
   30V, 65A, 2.0m??max. N Channel Power MOS FET High Speed Power Switching
RJK03N7DPA RENESAS-RJK03N7DPA Datasheet
209Kb / 7P
   30V, 35A, 4.4m max.Built in SBD N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com