Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA8808 Datasheet(PDF) 6 Page - RAIO Technology Inc.

Part # RA8808
Description  128x64 Driver for Dot Matrix LCD Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8808 Datasheet(HTML) 6 Page - RAIO Technology Inc.

  RA8808 Datasheet HTML 1Page - RAIO Technology Inc. RA8808 Datasheet HTML 2Page - RAIO Technology Inc. RA8808 Datasheet HTML 3Page - RAIO Technology Inc. RA8808 Datasheet HTML 4Page - RAIO Technology Inc. RA8808 Datasheet HTML 5Page - RAIO Technology Inc. RA8808 Datasheet HTML 6Page - RAIO Technology Inc. RA8808 Datasheet HTML 7Page - RAIO Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Preliminary Version 1.0
128x64Driver for Dot Matrix LCD
RA8808
5-4 Power
Pin Name
I/O
Description
VOUT
O
Regulator Voltage Output
VDD
VDDP
P
Digital Power
GND
GNDP
P
Digital Ground
AVDD
P
Analog Power
AGND
P
Analog Ground
C1N
C1P
I
Capacitor Input
These are used to connect a capacitor for internal Booster.
C2N
C2P
I
Capacitor Input
These are used to connect a capacitor for internal Booster.
C3P
I
Capacitor Input
These are used to connect a capacitor for internal Booster.
V0A~V4A
I
Voltage Input
V0~V4
O
Voltage Source of LCD Driver
The relationship of the power is V0 > V1 > V2 > V3 > V4 > GND.
5-5 MISC
Pin Name
I/O
Description
ADC
I
Selection of Segment Data Direction
ADC
Common Data Shift Direction
H
SEG0
SEG1 …
SEG127
L
SEG127
SEG126 …
SEG0
SHL
I
Selection of Common Data Shift Direction
SHL
Common Data Shift Direction
H
COM0
COM1 …
COM63
L
COM63
COM62 …
COM0
DS
I
Selection of Display Duty
DS
Duty
H
1/64
L
1/48
TEST0
TEST1
TEST2
I
These pins must contact to GND in normal mode.
RAiO TECHNOLOGY INC.
6/7
www.raio.com.tw


Similar Part No. - RA8808

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA8802 RAIO-RA8802 Datasheet
80Kb / 7P
   Character/Graphic LCD-Controller Specification
RA8803 RAIO-RA8803 Datasheet
102Kb / 8P
   Two Layers Text/Graphic LCD Controller Specification
logo
Epson Company
RA8803SA EPSON-RA8803SA Datasheet
317Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RA8804CE EPSON-RA8804CE Datasheet
905Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus) For Automotive Built-in 32.768 kHz-DTCXO
logo
RAIO Technology Inc.
RA8806 RAIO-RA8806 Datasheet
4Mb / 174P
   Two Layers Character/Graphic LCD Controller Specification
More results

Similar Description - RA8808

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA8825 RAIO-RA8825 Datasheet
115Kb / 6P
   128x33 Dot Matrix LCD Driver Specification
logo
LUMEX INC.
LCM-X12864GXX LUMEX-LCM-X12864GXX Datasheet
127Kb / 2P
   128x64 DOT MATRIX GRAPHIC MODULE
logo
Sanyo Semicon Device
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
   Dot Matrix LCD Driver?
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
   DOT MATRIX LCD DRIVER
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
   Dot-Matrix LCD Driver
LC7943D SANYO-LC7943D Datasheet
88Kb / 4P
   Dot Matrix LCD Driver?
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
   Dot-Matrix LCD Driver?
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
SED1520D0A ETC-SED1520D0A Datasheet
204Kb / 52P
   DOT MATRIX LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com