Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS600-PQ256ES Datasheet(PDF) 54 Page - Microsemi Corporation

Part # P1AFS600-PQ256ES
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-PQ256ES Datasheet(HTML) 54 Page - Microsemi Corporation

Back Button P1AFS600-PQ256ES Datasheet HTML 50Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 51Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 52Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 53Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 54Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 55Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 56Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 57Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 58Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 334 page
background image
Device Architecture
2-38
Revision 4
Table 2-17 • VRPSM Signal Descriptions
Signal Name
Width Dir.
Function
VRPU
1
In Voltage Regulator Power-Up
0 – Voltage regulator disabled. PUB must be floated or pulled up, and
the TRST pin must be grounded to disable the voltage regulator.
1 – Voltage regulator enabled
VRINITSTATE
1
In Voltage Regulator Initial State
Defines the voltage Regulator status upon power-up of the 3.3 V. The
signal is configured by Libero SoC when the VRPSM macro is
generated.
Tie off to 1 – Voltage regulator enables when 3.3 V is powered.
Tie off to 0 – Voltage regulator disables when 3.3 V is powered.
RTCPSMMATCH
1
In RTC Power System Management Match
Connect from RTCPSMATCH signal from RTC in AB
0 transition to 1 turns on the voltage regulator
PUB
1
In External pin, built-in weak pull-up
Power-Up Bar
0 – Enables voltage regulator at all times
TRST*
1
In External pin, JTAG Test Reset
1 – Enables voltage regulator at all times
FPGAGOOD
1
Out Indicator that the FPGA is powered and functional
No need to connect if it is not used.
1 – Indicates that the FPGA is powered up and functional.
0 – Not possible to read by FPGA since it has already powered off.
PUCORE
1
Out Power-Up Core
Inverted signal of PUB. No need to connect if it is not used.
VREN*
1
Out Voltage Regulator Enable
Connected to 1.5 V voltage regulator in Fusion device internally.
0 – Voltage regulator disables
1 – Voltage regulator enables
Note: *Signals are hardwired internally and do not exist in the macro core.


Similar Part No. - P1AFS600-PQ256ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS600 MICROSEMI-P1AFS600 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS6002 MICROSEMI-P1AFS6002 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - P1AFS600-PQ256ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com