Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS600-PQ256ES Datasheet(PDF) 37 Page - Microsemi Corporation

Part # P1AFS600-PQ256ES
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-PQ256ES Datasheet(HTML) 37 Page - Microsemi Corporation

Back Button P1AFS600-PQ256ES Datasheet HTML 33Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 34Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 35Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 36Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 37Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 38Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 39Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 40Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 41Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-21
Crystal Oscillator
The Crystal Oscillator (XTLOSC) is source that generates the clock from an external crystal. The output
of XTLOSC CLKOUT signal can be selected as an input to the PLL. Refer to the "Clock Conditioning
Circuits" section for more details. The XTLOSC can operate in normal operations and Standby mode
(RTC is running and 1.5 V is not present).
In normal operation, the internal FPGA_EN signal is '1' as long as 1.5 V is present for VCC. As such,
the internal enable signal, XTL_EN, for Crystal Oscillator is enabled since FPGA_EN is asserted. The
XTL_MODE has the option of using MODE or RTC_MODE, depending on SELMODE.
During Standby, 1.5 V is not available, as such, and FPGA_EN is '0'. SELMODE must be asserted in
order for XTL_EN to be enabled; hence XTL_MODE relies on RTC_MODE. SELMODE and RTC_MODE
must be connected to RTCXTLSEL and RTCXTLMODE from the AB respectively for correct operation
during Standby (refer to the "Real-Time Counter System" section on page 2-33 for a detailed
description).
The Crystal Oscillator can be configured in one of four modes:
RC network, 32 KHz to 4 MHz
Low gain, 32 to 200 KHz
Medium gain, 0.20 to 2.0 MHz
High gain, 2.0 to 20.0 MHz
In RC network mode, the XTAL1 pin is connected to an RC circuit, as shown in Figure 2-16 on
page 2-19. The XTAL2 pin should be left floating. The RC value can be chosen based on Figure 2-18 for
any desired frequency between 32 KHz and 4 MHz. The RC network mode can also accommodate an
external clock source on XTAL1 instead of an RC circuit.
In Low gain, Medium gain, and High gain, an external crystal component or ceramic resonator can be
added onto XTAL1 and XTAL2, as shown in Figure 2-16 on page 2-19. In the case where the Crystal
Oscillator block is not used, the XTAL1 pin should be connected to GND and the XTAL2 pin should be left
floating.
Note: *Internal signal—does not exist in macro.
Figure 2-17 • XTLOSC Macro
XT LOSC
CLKOUT
XT L
0
1
MODE[1:0]
RTC_MODE[1:0]
SELMODE
FPGA_EN*
XTL_EN*
XTL_MODE*


Similar Part No. - P1AFS600-PQ256ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS600 MICROSEMI-P1AFS600 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS6002 MICROSEMI-P1AFS6002 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - P1AFS600-PQ256ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com