Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS600-PQ256ES Datasheet(PDF) 28 Page - Microsemi Corporation

Part # P1AFS600-PQ256ES
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-PQ256ES Datasheet(HTML) 28 Page - Microsemi Corporation

Back Button P1AFS600-PQ256ES Datasheet HTML 24Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 25Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 26Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 27Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 28Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 29Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 30Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 31Page - Microsemi Corporation P1AFS600-PQ256ES Datasheet HTML 32Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 334 page
background image
Device Architecture
2-12
Revision 4
Global Resources (VersaNets)
Fusion devices offer powerful and flexible control of circuit timing through the use of analog circuitry.
Each chip has six CCCs. The west CCC also contains a PLL core. In the two larger devices (AFS600 and
AFS1500), the west and the east CCCs each contain a PLL. The PLLs include delay lines, a phase
shifter (0°, 90°, 180°, 270°), and clock multipliers/dividers. Each CCC has all the circuitry needed for the
selection and interconnection of inputs to the VersaNet global network. The east and west CCCs each
have access to three VersaNet global lines on each side of the chip (six lines total). The CCCs at the four
corners each have access to three quadrant global lines on each quadrant of the chip.
Advantages of the VersaNet Approach
One of the architectural benefits of Fusion is the set of powerful and low-delay VersaNet global networks.
Fusion offers six chip (main) global networks that are distributed from the center of the FPGA array
(Figure 2-11). In addition, Fusion devices have three regional globals (quadrant globals) in each of the
four chip quadrants. Each core VersaTile has access to nine global network resources: three quadrant
and six chip (main) global networks. There are a total of 18 global networks on the device. Each of these
networks contains spines and ribs that reach all VersaTiles in all quadrants (Figure 2-12 on page 2-13).
This flexible VersaNet global network architecture allows users to map up to 180 different
internal/external clocks in a Fusion device. Details on the VersaNet networks are given in Table 2-4 on
page 2-13. The flexibility of the Fusion VersaNet global network allows the designer to address several
design requirements. User applications that are clock-resource-intensive can easily route external or
gated internal clocks using VersaNet global routing networks. Designers can also drastically reduce
delay penalties and minimize resource usage by mapping critical, high-fanout nets to the VersaNet global
network.
Figure 2-11 • Overview of Fusion VersaNet Global Network
Main (chip)
Global Network
Top Spine
Bottom Spine
Pad Ring
Chip (main)
Global Pads
Global
Pads
High-Performance
VersaNet Global Network
Global Spine
Global Ribs
Spine-Selection
Tree MUX
Quadrant Global Pads


Similar Part No. - P1AFS600-PQ256ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS600 MICROSEMI-P1AFS600 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS6002 MICROSEMI-P1AFS6002 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - P1AFS600-PQ256ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com