Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BD10IC0WHFV-GTR Datasheet(PDF) 22 Page - Rohm

Part No. BD10IC0WHFV-GTR
Description  1A Variable Fixed Output LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BD10IC0WHFV-GTR Datasheet(HTML) 22 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
22/23
BDxxIC0WEFJ / BDxxIC0WHFV
Datasheet
TSZ02201-0R6R0A600430-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Dec.2012 Rev.002
●Physical Dimension Tape and Reel Information
●Marking Diagram
xx
Product Name
00
BD00IC0WEFJ
10
BD10IC0WEFJ
12
BD12IC0WEFJ
15
BD15IC0WEFJ
18
BD18IC0WEFJ
25
BD25IC0WEFJ
30
BD30IC0WEFJ
33
BD33IC0WEFJ
xx
Product Name
B0
BD00IC0WHFV
BT
BD10IC0WHFV
BU
BD12IC0WHFV
BS
BD1CIC0WHFV
BV
BD15IC0WHFV
BW
BD18IC0WHFV
BX
BD25IC0WHFV
BR
BD26IC0WHFV
BY
BD30IC0WHFV
BZ
BD33IC0WHFV
(Unit : mm)
HTSOP-J8
0.08 S
0.08 M
S
1.27
0.42
+0.05
-0.04
4
°
+6°
−4°
0.17
+0.05
-0.03
234
5
6
8
(MAX 5.25 include BURR)
7
1
0.545
(3.2)
4.9
±0.1
1PIN MARK
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
HVSOF6
0.1 S
S
(1.2)
(1.4)
0.145
±0.05
0.22
±0.05
0.5
3
2
1
4
5
6
1.6
±0.1
(MAX 1.8 include BURR)
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin
HTSOP-J8(TOP VIEW)
xxIC0W
Part Number Marking
LOT Number
1PIN MARK
HVSOF6(TOP VIEW)
xx
Part Number Marking
LOT Number
1PIN MARK


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn