Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BD10IC0WHFV-GTR Datasheet(PDF) 16 Page - Rohm

Part No. BD10IC0WHFV-GTR
Description  1A Variable Fixed Output LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BD10IC0WHFV-GTR Datasheet(HTML) 16 Page - Rohm

Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16/23
BDxxIC0WEFJ / BDxxIC0WHFV
Datasheet
TSZ02201-0R6R0A600430-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Dec.2012 Rev.002
Thermal design should ensure operation within the following conditions. Note that the temperatures listed are the allowed
temperature limits and thermal design should allow sufficient margin beyond these limits.
1. Ambient temperature Ta can be no higher than 85℃.
2. Chip junction temperature (Tj) can be no higher than 150℃.
Chip junction temperature can be determined as follows:
Calculation based on ambient temperature (Ta)
Tj=Ta+θj-a×P
<Reference values>
θj-a:HTSOP-J8 153.2℃/W
113.6℃/W
59.2℃/W
33.3℃/W
1-layer substrate (copper foil density 0mm×0mm)
2-layer substrate (copper foil density 15mm×15mm)
2-layer substrate (copper foil density 70mm×70mm)
4-layer substrate (copper foil density 70mm×70mm)
Substrate size: 70mm×70mm×1.6mm (substrate with thermal via)
Most of the heat loss that occurs in the BDxxIC0W series is generated from the output Pch FET. Power loss is determined by
the total VCC-VO voltage and output current. Be sure to confirm the system input and output voltage as well as the output current
conditions in relation to the heat dissipation characteristics of the VCC and VO in the design. Bearing in mind that heat dissipation
may vary substantially depending on the substrate employed (due to the power package incorporated in the BDxxIC0W
series )make certain to factor conditions such as substrate size into the thermal design.
Power consumption [W] =
Input voltage (VCC) - Output voltage (VO)
×IO(Ave)
Example) When VCC=3.3V, VO=2.5V, IO(Ave) = 0.1A
Power consumption [W] =
3.3V - 2.5V
×0.1A
=0.08[W]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn