Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD10IC0WHFV-GTR Datasheet(PDF) 15 Page - Rohm

Part No. BD10IC0WHFV-GTR
Description  1A Variable Fixed Output LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

BD10IC0WHFV-GTR Datasheet(HTML) 15 Page - Rohm

Back Button BD10IC0WHFV-GTR Datasheet HTML 11Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 12Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 13Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 14Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 15Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 16Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 17Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 18Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 19Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15/23
BDxxIC0WEFJ / BDxxIC0WHFV
Datasheet
TSZ02201-0R6R0A600430-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Dec.2012 Rev.002
●Power Dissipation
◎HTSOP-J8
◎HVSOF6
Measurement condition: mounted on a ROHM
board,
Substrate size: 70mm × 70mm × 1.6mm
(Substrate with thermal via)
・Solder the thermal pad to Ground
① IC only
θj-a=249.5℃/W
② 1-layer(copper foil are :0mm×0mm)
θj-a=153.2℃/W
③ 2-layer(copper foil are :15mm×15mm)
θj-a=113.6℃/W
④ 2-layer(copper foil are :70mm×70mm)
θj-a=59.2℃/W
⑤ 4-layer(copper foil are :70mm×70mm)
θj-a=33.3℃/W
0
25
50
75
100
125
150
0
2.0
3.0
4.0
①0.50W
周囲温度:Ta [℃]
1.0
①0.50W
②0.82W
③1.10W
④2.11W
⑤3.76W
Ambient Temperature :Ta [℃]
Measurement condition: mounted on a ROHM
board,
Substrate size: 70mm × 70mm × 1.6mm
(Substrate with thermal via)
・Solder the thermal pad to Ground
① single-layer(copper foil are :2%)
θj-a=147.1℃/W
② single-layer(copper foil are :18%)
θj-a=89.3℃/W
③single-layer(copper foil are :51%)
θj-a=73.5℃/W
0.0
1.0
2.0
3.0
4.0
0
25
50
75
100
125
150
Ambient Tempera ture: Ta [℃]
③1.7W
②1.4W
①0.85W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn