Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD10IC0WHFV-GTR Datasheet(PDF) 1 Page - Rohm

Part No. BD10IC0WHFV-GTR
Description  1A Variable Fixed Output LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

BD10IC0WHFV-GTR Datasheet(HTML) 1 Page - Rohm

  BD10IC0WHFV-GTR Datasheet HTML 1Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 2Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 3Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 4Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 5Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 6Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 7Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 8Page - Rohm BD10IC0WHFV-GTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed with protection against radioactive rays.
1/23
Datasheet
TSZ02201-0R6R0A600430-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
21.Dec.2012 Rev.002
1A Variable / Fixed Output
LDO Regulators
BDxxIC0WEFJ / BDxxIC0WHFV
●General Description
BDxxIC0W series devices are LDO regulators with an output current of 1.0A. The output accuracy is ±1% of the output
voltage. Both fixed and variable output voltage devices are available. The output voltage of the variable output voltage
device can be varied from 0.8 to 4.5V using external resistors. Various fixed output voltage devices that do not use external
resistors are also available. These LDO regulators are available in two package types: HTSOP-J8 (4.90mm x 6.00mm x
1.00mm) and HVSOF6 (1.60mm x 3.00mm x 0.75mm), and can be used in a wide variety of digital appliances. These
devices have built in over current protection to protect the device when output is shorted, 0µA shutdown mode and thermal
shutdown circuit to protect the device during over load conditions. These LDO regulators are usable with ceramic capacitors
that enable a smaller layout and longer life.
●Features
+/-1% output voltage accuracy
Built-in Over Current Protection circuit (OCP)
Built-in Thermal Shut Down circuit (TSD)
Zero µA Shutdown mode
●Key Specifications
■ Input Power Supply Voltage range:
2.4V to 5.5V
■ Output Voltage range(Variable type):
0.8V to 4.5V
■ Output Voltage(Fixed type):
1.0V/1.2V/1.25V/1.5V
1.8V/2.5V/2.6V/3.0V/3.3V
(1.25V/2.6V:HVSOF6 only)
■ Output Current:
1.0A (Max.)
■ Shutdown Current:
0 µA (Typ.)
■ Operating Temperature Range:
-25 to +85℃
●Typical Application Circuit
●Package
(Typ.)
(Typ.)
(Max.)
HTSOP-J8
4.90mm x 6.00mm x 1.00mm
HVSOF6
1.60mm x 3.00mm x 0.75mm
HTSOP-J8
HVSOF6
R1
VO
VCC
EN
GND
FIN
R2
FB
COUT
CIN
CIN,COUT : Ceramic Capacitor
Output voltage variable type
VO
VCC
EN
GND
FIN
VO_S
COUT
CIN
CIN,COUT : Ceramic Capacitor
Output voltage fixed type


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn