Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8345 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8345
Description  Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8345 Datasheet(HTML) 6 Page - Analog Devices

  AD8345 Datasheet HTML 1Page - Analog Devices AD8345 Datasheet HTML 2Page - Analog Devices AD8345 Datasheet HTML 3Page - Analog Devices AD8345 Datasheet HTML 4Page - Analog Devices AD8345 Datasheet HTML 5Page - Analog Devices AD8345 Datasheet HTML 6Page - Analog Devices AD8345 Datasheet HTML 7Page - Analog Devices AD8345 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AN-1039
Application Note
Rev. 0 | Page 6 of 8
CALIBRATION PROCEDURE
Correcting all of the modulator’s imperfections is a multistep
process. Start by looking at the procedure for LO leakage cor-
rection which results in a constellation that is offset from the
origin. A single sideband spectrum is applied to the transmitter
and is monitored on the spectrum analyzer. Next, small diffe-
rential offset voltages are applied to the I and Q inputs. Applying
differential offset voltages to the I and Q inputs should not be
confused with changing the dc bias levels (also referred to as the
common-mode level) on these pins, which has no effect. This is
done as an I offset sweep followed by a Q offset sweep (or vice
versa). Returning briefly to Figure 1, note that the AD9788 (a
16-bit, 800 MSPS dual DAC) conveniently includes two aux-
iliary DACs that can be used to couple differential dc offset
voltages on I and Q lines. This coupling is performed externally
using resistor dividers.
Figure 5 shows how sweeping the I and Q offset voltages alters
the LO leakage. Start by sweeping the I offset voltage around 0 V
while holding the Q offset voltage at 0 V. With modern IQ
modulators exhibiting unadjusted LO leakage in the −40 dBm
range and having voltage gains in the −5 dB to +5 dB range, an
offset voltage sweep range of ±5 mV is more than adequate to
identify the location of the null (in this example, ±2 mV is
adequate to identify a nulling voltage somewhere between
100 μV and 200 μV). Note, however, that the first pass (black
trace) only manages to reduce the LO leakage to just under
−40 dBm. This clearly indicates that the Q offset needs
correction. The second pass (blue trace) involves sweeping
the Q offset around 0 V with the I offset held at the value that
yielded the first I null. Note that a Q offset of 400 μV reduces
the LO leakage a further 10 dB to around −50 dBm. However,
a third pass is required. The trough from the first pass is quite
shallow because the Q channel had not yet been adjusted. This
makes it difficult to identify the ideal I nulling voltage. A third
pass (red trace) that involves again sweeping the I offset while
holding the Q offset at 400 μV, identifies the optimum I nulling
voltage to be 150 μV.
–80
–70
–60
–50
–40
–30
–20
–10
0
–2
–1
0
1
2
I AND Q DIFFERENTIAL OFFSET VOLTAGES (mV)
FIRST PASS – I OFFSET ADJUST
SECOND PASS – Q OFFSET ADJUST
THIRD PASS – I OFFSET ADJUST
Figure 5. Multipass LO Leakage Compensation Sweeps
CORRECTING FOR QUADRATURE AND I/Q GAIN
ERRORS
A similar procedure can be used to correct quadrature and I/Q
gain mismatch. IQ modulator family data sheets typically specify
the quadrature phase mismatch and I/Q gain imbalance in
degrees and decibels, respectively, along with the sideband
suppression (also in decibels). Using this information, it is
advisable to perform the first optimization pass on the weaker
of the two specifications, that is, the specification which most
contributes to the sideband suppression. For example, assume
that the device data sheet specifies a sideband suppression of
−40 dBc, comprising of 1 degree of phase imbalance and 0.1 dB
of gain imbalance amplitude. In this case, it is advisable to first
try to adjust phase because making a gain adjustment has
almost no effect as long as the 1 degree of phase error is present
(see Figure 4).
Figure 6 shows the results of a gain sweep followed by a
phase sweep. In the first pass, the gain delta between I and Q
is adjusted over a range of approximately ±2 dB. The TxDAC®
in Figure 1 facilitates this adjustment by providing internal
gain adjust auxiliary DACs. The sweep yields a null of around
−57 dBc for a gain difference of approximately −0.1 dB (gain is
scaled on the top axis). Next, adjust the skew between I and Q.
This drives the null down further to −60 dBc for a phase adjust
of −0.05°.
–70
–60
–50
–40
–30
–20
–10
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
PHASE ADJUST (Degrees)
–2
–1
0
1
2
GAIN ADJUST (dB)
SECOND PASS (PHASE ADJUST)
FIRST PASS (GAIN ADJUST)
Figure 6. Multipass Sideband Suppression Compensation Sweeps
In this case, a third pass is not necessary and does not yield
further improvement. This stems from the fact that the
unadjusted phase error is very close to the optimized value
(~0.05°). Thus, the first-pass gain adjust yields a deep trough
that is only slightly improved during the phase sweep. This
contrasts to the LO leakage nulling where a third pass yielded
further improvement.


Similar Part No. - AD8345

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
AD8345 AD-AD8345 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8345 AD-AD8345 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8345-EVAL AD-AD8345-EVAL Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
AD8345-EVAL AD-AD8345-EVAL Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
More results

Similar Description - AD8345

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7053 SANYO-LA7053 Datasheet
66Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulators
logo
Freescale Semiconductor...
MC44CC373CA FREESCALE-MC44CC373CA Datasheet
436Kb / 28P
   CMOS Audio/Video RF Modulators
logo
Siemens Semiconductor G...
BF771 SIEMENS-BF771 Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
BF771W SIEMENS-BF771W Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
logo
List of Unclassifed Man...
CLG04P050L28 ETC2-CLG04P050L28 Datasheet
907Kb / 26P
   Super Capacitors To Improve Power Performance.
logo
Panasonic Semiconductor
MN101E34 PANASONIC-MN101E34 Datasheet
321Kb / 3P
   Correcting address designation: Up to 7 addresses possible
logo
Bothhand USA, LP.
KLU1T516-34-LF BOTHHAND-KLU1T516-34-LF Datasheet
225Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1T041C-43-LF BOTHHAND-KLU1T041C-43-LF Datasheet
227Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1T041C-34-LF BOTHHAND-KLU1T041C-34-LF Datasheet
792Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU4S041X-LF BOTHHAND-KLU4S041X-LF Datasheet
220Kb / 2P
   Reduced EMI radiation to improve EMI performance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com