Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2907 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N2907
Description  GENERAL PURPOSE AMPLIFIERS TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2907 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N2907 Datasheet HTML 1Page - Comset Semiconductor 2N2907 Datasheet HTML 2Page - Comset Semiconductor 2N2907 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PNP 2N2907 – 2N2907A
16/10/2012
COMSET SEMICONDUCTORS
3/3
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
fT
Transition frequency
IC=-50 mA
VCE=-20 V
f= 100MHz
2N2907A
200
-
-
MHz
2N2907
200
-
-
td
Delay time
IC=-150 mA
IB =-15 mA
-VCC=-30 V
2N2907A
-
-
10
ns
tr
Rise time
2N2907
-
-
40
CC
Collector capacitance
IE= Ie = 0
VCB=-10 V
f = 100kHz
2N2907A
-
-
8
pF
2N2907
CE
Emitter capacitance
IC= Ic = 0
VEB=-0.5 V
f = 100kHz
2N2907A
-
-
30
pF
2N2907
(*) Pulse conditions : tp < 300
µs, δ =2%
MECHANICAL DATA CASE TO-18
Revised August 2012
         
Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to change
without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does Comset Semiconductors assume any liability arising out of the application or use of any product and specifically disclaims any and
all liability, including without limitation consequential or incidental damages. Comset Semiconductors’ products are not authorized for use as critical
components in life support devices or systems.
 
www.comsetsemi.com
info@comsetsemi.com
use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to change
without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular
DIMENSIONS (mm)
min
max
A
12.7
-
B
-
0.49
C
0.9
-
D
-
5.3
E
-
4.9
F
-
5.8
G
2.54
-
H
-
1.2
I
-
1.16
L
45°
-
Pin 1 :
emitter
Pin 2 :
base
Pin 3 :
Collector
Case :
Collector


Similar Part No. - 2N2907

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
   PNP switching transistors
1997 May 30
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
   PNP Switching Transistors
logo
STMicroelectronics
2N2907 STMICROELECTRONICS-2N2907 Datasheet
233Kb / 4P
   1.8W PNP GENERAL PURPOSE SAMLL SIGNAL TRANSISTORS
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
459Kb / 3P
   PNP Switching Transistors
logo
Semicoa Semiconductor
2N2907 SEMICOA-2N2907 Datasheet
31Kb / 1P
   Chip Type 2C2907A Geometry 0600 Polarity PNP
More results

Similar Description - 2N2907

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N2906 COMSET-2N2906 Datasheet
151Kb / 3P
   GENERAL PURPOSE AMPLIFIERS TRANSISTORS
logo
STMicroelectronics
MSC81402 STMICROELECTRONICS-MSC81402 Datasheet
41Kb / 3P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIERS APPLICATIONS
2N3700 STMICROELECTRONICS-2N3700 Datasheet
43Kb / 4P
   GENERAL PURPOSE AMPLIFIERS
January 1989
BCY70 STMICROELECTRONICS-BCY70 Datasheet
133Kb / 5P
   GENERAL PURPOSE AMPLIFIERS
SGSTS01814-1 STMICROELECTRONICS-SGSTS01814-1 Datasheet
146Kb / 5P
   General purpose amplifiers
November 1988
logo
List of Unclassifed Man...
BD241C ETC2-BD241C Datasheet
1Mb / 4P
   General Purpose Amplifiers
logo
STMicroelectronics
2N3700 STMICROELECTRONICS-2N3700_06 Datasheet
111Kb / 7P
   General purpose amplifiers
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com