Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KA3882 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. KA3882
Description  SMPS CONTROLLER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3882 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA3882 Datasheet HTML 1Page - Fairchild Semiconductor KA3882 Datasheet HTML 2Page - Fairchild Semiconductor KA3882 Datasheet HTML 3Page - Fairchild Semiconductor KA3882 Datasheet HTML 4Page - Fairchild Semiconductor KA3882 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KA3882/3/4/5
SMPS CONTROLLER
CURRENT MODE PWM CONTROLLER
The KA3882/3/4/5 are fixed PWM controller for Off-Line and DC
to DC converter applications. The internal circuits include UVLO,
low start up current circuit, temperature compensated reference,
high gain error amplifier, current sensing comparator, and high
current totempole output for driving a POWER MOSFET. Also KA
3882/3/4/5 provide low start up current below 0.3mA and short
shutdown delay time typ. 100ns.
The KA3882 and KA3884 have UVLO threshold of 1 6V(on) and
8 SOP
10V(off).
The KA3883 and KA3885 are 8.4V(on) and 7.6V(off).
The KA3882 and KA3883 can operate within 100% duty cycle.
The KA3884 and KA3885 within 50% by using T Flip-Flop.
FEATURES
• Low Start Current 0.2mA (typ)
• Operating Range Up To 500KHz
• Cycle by Cycle Current Limiting
ORDERING INFORMATION
• Under Voltage Lock Out With Hysteresis
• Short Shutdown Delay Time: typ.100ns
• High Current Totempole Output
• Output Swing Limiting: 22V
BLOCK DIAGRAM
Device
Package
Operating Temperature
KA388X
8 DIP
0 ~ + 85
Î
KA388XD
8 SOP
0 ~ + 85
Î
8 DIP
©1999 Fairchild Semiconductor Corporation
Rev. B


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA3846SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
KA7500BSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
ICE2A0565Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7500CSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
ICE3A0365Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7515SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
TL494SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3525ASMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3842SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn