Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KA3882 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. KA3882
Description  SMPS CONTROLLER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3882 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA3882 Datasheet HTML 1Page - Fairchild Semiconductor KA3882 Datasheet HTML 2Page - Fairchild Semiconductor KA3882 Datasheet HTML 3Page - Fairchild Semiconductor KA3882 Datasheet HTML 4Page - Fairchild Semiconductor KA3882 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KA3882/3/4/5
SMPS CONTROLLER
ELECTRICAL CHARACTERISTICS(Continued)
(VCC = 15V, RT = 10K
`, CT = 3.3nF, TA = 0Îto +85Î, unless otherwise specified)
Adjust VCC above the start threshold bifore setting at 15V
NOTE 1. These parameters, although guaranteed, are not 100% tested in production.
2. Parameter measured at trip point of latch with V2 = 0V.
3. Gain defined as: GV =
LVPIN1LVPIN3(VPIN3 = 0 to 0.8V)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
PWM SECTION
KA3882/3
94
96
100
%
KA3884/5
47
48
50
%
Minimum Duty Cycle
DMIN
ïï
ï
0%
TOTAL STANDBY CURRENT
Start-Up Current
IST
ïï
0.2
0.4
mA
Operating Supply Current
ICC
VPIN2 = VPIN3 = 0V
ï
11
17
mA
VCC Zener Voltage
VZ
ICC = 25mA
ï
29
ï
V
Maximum Duty Cycle
DMAX


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA3846SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
KA7500BSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
ICE2A0565Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7500CSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
ICE3A0365Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7515SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
TL494SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3525ASMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3842SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn