Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD25IC0WEFJ Datasheet(PDF) 5 Page - Rohm

Part # BD25IC0WEFJ
Description  1A Variable Fixed Output LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD25IC0WEFJ Datasheet(HTML) 5 Page - Rohm

  BD25IC0WEFJ Datasheet HTML 1Page - Rohm BD25IC0WEFJ Datasheet HTML 2Page - Rohm BD25IC0WEFJ Datasheet HTML 3Page - Rohm BD25IC0WEFJ Datasheet HTML 4Page - Rohm BD25IC0WEFJ Datasheet HTML 5Page - Rohm BD25IC0WEFJ Datasheet HTML 6Page - Rohm BD25IC0WEFJ Datasheet HTML 7Page - Rohm BD25IC0WEFJ Datasheet HTML 8Page - Rohm BD25IC0WEFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/23
BDxxIC0WEFJ / BDxxIC0WHFV
Datasheet
TSZ02201-0R6R0A600430-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Dec.2012 Rev.002
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Power supply voltage
VCC
7.0 *
1
V
EN voltage
VEN
7.0
V
Power dissipation
HTSOP-J8
Pd
2110
*2
mW
Operating Temperature Range
Topr
-25 to +85
Storage Temperature Range
Tstg
-55 to +150
Junction Temperature
Tjmax
+150
*1 Not to exceed Pd
*2 Reduced by 16.9mW/℃ for each increase in Ta of 1℃ over 25℃. (when mounted on a board 70mm×70mm×1.6mm glass-epoxy board, two layer)
●Recommended Operating Ratings (Ta=25℃)
Ratings
Parameter
Symbol
Min.
Max.
Unit
Input power supply voltage
VCC
2.4
5.5
V
EN voltage
VEN
0.0
5.5
V
Output voltage setting range
VO
0.8
4.5
V
Output current
IO
0.0
1.0
A
●Electrical Characteristics (Unless otherwise noted, Ta=25℃, EN=3V, VCC=3.3V, R1=16kΩ, R2=7.5kΩ)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current at shutdown mode
ISTB
-
0
5
µA
VEN=0V, OFF mode
Bias current
ICC
-
250
500
µA
Line regulation
Reg.Ii
-1
-
1
%
VCC=( VO+0.6V )→5.5V
Load regulation
Reg IO
-1.5
-
1.5
%
IO=0→1.0A
Minimum dropout voltage1
VCO1
-
0.10
0.15
V
VCC=3.3V, IO=250mA
Minimum dropout voltage2
VCO2
-
0.20
0.30
V
VCC=3.3V, IO=500mA
Minimum dropout voltage3
VCO3
-
0.30
0.45
V
VCC=3.3V, IO=750mA
Minimum dropout voltage4
VCO4
-
0.40
0.60
V
VCC=3.3V, IO=1.0A
Output reference voltage(variable type)
VFB
0.792
0.800
0.808
V
IO=0A
Output voltage(Fixed type)
VO
Vo×0.99
Vo
Vo×1.01
V
IO=0A
EN Low voltage
VEN_Low
0
-
0.8
V
EN High voltage
VEN_High
2.4
-
5.5
V
EN Bias current
IEN
1
3
9
µA


Similar Part No. - BD25IC0WEFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD25IC0MEFJ-LB ROHM-BD25IC0MEFJ-LB Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD25IC0MEFJ-LBH2 ROHM-BD25IC0MEFJ-LBH2 Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD25IC0MEFJ-ME2 ROHM-BD25IC0MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD25IC0VEFJ-ME2 ROHM-BD25IC0VEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Similar Description - BD25IC0WEFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com