Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CQY80 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part No. CQY80
Description  OPTICALLY COUPLED ISOLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISOCOM [ISOCOM COMPONENTS]
Homepage  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

CQY80 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  CQY80 Datasheet HTML 1Page - ISOCOM COMPONENTS CQY80 Datasheet HTML 2Page - ISOCOM COMPONENTS CQY80 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB90035m-AAS/A1
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.60
V
I
F = 50mA
Reverse Voltage (V
R)
6
V
I
R = 10µA
Reverse Current (I
R)
10
µA
V
R = 6V
Output
Collector-emitter Breakdown (BV
CEO)
32
V
I
C = 1mA
( Note 2 )
Emitter-collector Breakdown (BV
ECO)
6
V
I
E = 100µA
Collector-emitter Dark Current (I
CEO)
200
nA
V
CE = 20V
Coupled
I
C / IF (CTR) (Note 2)
0.5
10mA I
F , 5V VCE
Current Transfer Ratio (CTR) (Note 2)
50
%
10mA I
F , 5V VCE
Collector-emitter Saturation VoltageV
CE(SAT)
0.3
V
10mA I
F , 1mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
V
IO = 500V (note 1)
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
7/12/00
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )
Type
R
L = 100Ω see fig 1
R
L = 1kΩ see fig 2
td
tr
ton
ts
tf
toff
I
C
ton
toff
I
F
µs
µs
µs
µs
µs
µs
mA
µs
µs
mA
CQY80
4.0
7.0
11.0
0.3
6.7
7.0
5
25.0
42.5
10
V
CC = 5V
Figure 1
50
Output
V
CC = 5V
R
L = 1kΩ
Figure 2
50
Output
R
L = 100Ω
CQY80N


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn