Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KA3846 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. KA3846
Description  SMPS Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3846 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA3846 Datasheet HTML 1Page - Fairchild Semiconductor KA3846 Datasheet HTML 2Page - Fairchild Semiconductor KA3846 Datasheet HTML 3Page - Fairchild Semiconductor KA3846 Datasheet HTML 4Page - Fairchild Semiconductor KA3846 Datasheet HTML 5Page - Fairchild Semiconductor KA3846 Datasheet HTML 6Page - Fairchild Semiconductor KA3846 Datasheet HTML 7Page - Fairchild Semiconductor KA3846 Datasheet HTML 8Page - Fairchild Semiconductor KA3846 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
KA3846
4
Electrical Characteristics
(VCC=15V, TA=0°C to + 70°C, unless otherwise specified)
Notes :
1. Parameter measured at trip point at latch with V5 = VREF, V6 = 0V
2. RT = 10K
Ω, CT = 4.7nF
3. Amplifier gain definde as:
4. Current into Pin 1 guaranteed to latch circuit in shutdown state.
5. Current into Pin 1 guaranteed not to latch circuit in shutdown state.
6. These parameters, although guaranteed over the recommended operating conditions, are not 100% tested in production.
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
CURRENT LIMIT ADJUST SECTION
Current Limit Offset Voltage (Note 1)
VIO(C.L)
V3 = 0V
V4 = 0V, Pin 7 open
0.45
0.5
0.55
V
Input Bias Current
IBIAS
V5 = VREF, V6 = 0V
-
- 10
- 30
uA
SHUTDOWN TERMINAL SECTION
Threshold Voltage
VTH
-
250
350
400
mV
Input Voltage Range
VI
-
0-
VCC
V
Minimum Latching Current (Note 4)
I(LATCH,MIN)
-
3.0
1.5
-
mA
Maximum Non-Latching Current (Note 5) I(NONLATCH,MAX)
-
-1.5
0.8
mA
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold
VTH(ST)
-
77.7
8.4
V
Threshold Hysteresis
VHYS
-
0.45
0.75
1.05
V
OUTPUT SECTION
Collector-Emitter Voltage
VCEO
-
40
-
-
V
Collector Leakage Current
ILEAK
VC = 40V
-
-
200
uA
Low Output Voltage 1
VOL 1
ISINK = 20mA
-
0.1
0.4
V
Low Output Voltage 2
VOL 2
ISINK = 100mA
-
0.4
2.1
V
High Output Voltage 1
VOH 1
ISOURCE = 20mA
13
13.5
-
V
High Output Voltage 2
VOH 2
ISOURCE = 100mA
12
13.5
-
V
Rise Time (Note 6)
tR
CL = 1nF, TJ = 25
°C
-
50
300
us
Fall Time (Note 6)
tF
CL = 1nF, TJ = 25
°C
-
50
300
us
TOTAL STANDBY CURRENT
Supply Current
ICC
-
-17
21
mA
G
∆V7
∆V4
-----------
∆V
4
0to1.0V
=
;
=


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KA3882 SMPS CONTROLLER 1  2  3  4  5  Fairchild Semiconductor
KA7500B SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
ICE2A0565 Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 1  2  3  4  5  More Infineon Technologies AG
KA7500C SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
ICE3A0365 Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 1  2  3  4  5  More Infineon Technologies AG
KA7515 SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
TL494 SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
UC3525A SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
UC3842 SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn