Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS600-FG256YI Datasheet(PDF) 34 Page - Microsemi Corporation

Part # P1AFS600-FG256YI
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-FG256YI Datasheet(HTML) 34 Page - Microsemi Corporation

Back Button P1AFS600-FG256YI Datasheet HTML 30Page - Microsemi Corporation P1AFS600-FG256YI Datasheet HTML 31Page - Microsemi Corporation P1AFS600-FG256YI Datasheet HTML 32Page - Microsemi Corporation P1AFS600-FG256YI Datasheet HTML 33Page - Microsemi Corporation P1AFS600-FG256YI Datasheet HTML 34Page - Microsemi Corporation P1AFS600-FG256YI Datasheet HTML 35Page - Microsemi Corporation P1AFS600-FG256YI Datasheet HTML 36Page - Microsemi Corporation P1AFS600-FG256YI Datasheet HTML 37Page - Microsemi Corporation P1AFS600-FG256YI Datasheet HTML 38Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 334 page
background image
Device Architecture
2-18
Revision 4
Table 2-7 • AFS250 Global Resource Timing
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
Min.1
Max.2 Min.1
Max.2
Min.1
Max.2
tRCKL
Input Low Delay for Global Clock
0.89
1.12
1.02
1.27
1.20
1.50
ns
tRCKH
Input High Delay for Global Clock
0.88
1.14
1.00
1.30
1.17
1.53
ns
tRCKMPWH
Minimum Pulse Width High for Global Clock
ns
tRCKMPWL
Minimum Pulse Width Low for Global Clock
ns
tRCKSW
Maximum Skew for Global Clock
0.26
0.30
0.35
ns
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential element
located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element located in a fully
loaded row (all available flip-flops are connected to the global net in the row).
3. For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on page 3-9.
Table 2-8 • AFS090 Global Resource Timing
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
Min.1
Max.2
Min.1 Max.2 Min.1 Max.2
tRCKL
Input Low Delay for Global Clock
0.84
1.07
0.96
1.21
1.13
1.43
ns
tRCKH
Input High Delay for Global Clock
0.83
1.10
0.95
1.25
1.12
1.47
ns
tRCKMPWH Minimum Pulse Width High for Global Clock
ns
tRCKMPWL
Minimum Pulse Width Low for Global Clock
ns
tRCKSW
Maximum Skew for Global Clock
0.27
0.30
0.36
ns
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential element
located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element located in a fully
loaded row (all available flip-flops are connected to the global net in the row).
3. For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on page 3-9.


Similar Part No. - P1AFS600-FG256YI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS600 MICROSEMI-P1AFS600 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS6002 MICROSEMI-P1AFS6002 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - P1AFS600-FG256YI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com