Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS600-QN256YI Datasheet(PDF) 69 Page - Microsemi Corporation

Part # P1AFS600-QN256YI
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-QN256YI Datasheet(HTML) 69 Page - Microsemi Corporation

Back Button P1AFS600-QN256YI Datasheet HTML 65Page - Microsemi Corporation P1AFS600-QN256YI Datasheet HTML 66Page - Microsemi Corporation P1AFS600-QN256YI Datasheet HTML 67Page - Microsemi Corporation P1AFS600-QN256YI Datasheet HTML 68Page - Microsemi Corporation P1AFS600-QN256YI Datasheet HTML 69Page - Microsemi Corporation P1AFS600-QN256YI Datasheet HTML 70Page - Microsemi Corporation P1AFS600-QN256YI Datasheet HTML 71Page - Microsemi Corporation P1AFS600-QN256YI Datasheet HTML 72Page - Microsemi Corporation P1AFS600-QN256YI Datasheet HTML 73Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-53
Unprotect Page Operation
An Unprotect Page operation will clear the protection for a page addressed on the ADDR input. It is
initiated by setting the UNPROTECTPAGE signal on the interface along with the page address on
ADDR.
If the page is not in the Page Buffer, the Unprotect Page operation will copy the page into the Page
Buffer. The Copy Page operation occurs only if the current page in the Page Buffer is not Page Loss
Protected.
The waveform for an Unprotect Page operation is shown in Figure 2-42.
The Unprotect Page operation can incur the following error conditions:
1. If the copy of the page to the Page Buffer determines that the page has a single-bit correctable
error in the data, it will report a STATUS = '01'.
2. If the address on ADDR does not match the address of the Page Buffer, PAGELOSSPROTECT is
asserted, and the Page Buffer has been modified, then STATUS = '11' and the addressed page is
not loaded into the Page Buffer.
3. If the copy of the page to the Page Buffer determines that at least one block in the page has a
double-bit uncorrectable error, STATUS = '10' and the Page Buffer will contain the corrupted data.
Discard Page Operation
If the contents of the modified Page Buffer have to be discarded, the DISCARDPAGE signal should be
asserted. This command results in the Page Buffer being marked as unmodified.
The timing for the operation is shown in Figure 2-43. The BUSY signal will remain asserted until the
operation has completed.
Figure 2-42 • FB Unprotected Page Waveform
CLK
UNPROTECTPAGE
ADDR[17:0]
BUSY
STATUS[1:0]
Page
Valid
Figure 2-43 • FB Discard Page Waveform
CLK
DISCARDPAGE
BUSY


Similar Part No. - P1AFS600-QN256YI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS600 MICROSEMI-P1AFS600 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS6002 MICROSEMI-P1AFS6002 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - P1AFS600-QN256YI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com