Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS600-FGG484I Datasheet(PDF) 67 Page - Microsemi Corporation

Part # P1AFS600-FGG484I
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-FGG484I Datasheet(HTML) 67 Page - Microsemi Corporation

Back Button P1AFS600-FGG484I Datasheet HTML 63Page - Microsemi Corporation P1AFS600-FGG484I Datasheet HTML 64Page - Microsemi Corporation P1AFS600-FGG484I Datasheet HTML 65Page - Microsemi Corporation P1AFS600-FGG484I Datasheet HTML 66Page - Microsemi Corporation P1AFS600-FGG484I Datasheet HTML 67Page - Microsemi Corporation P1AFS600-FGG484I Datasheet HTML 68Page - Microsemi Corporation P1AFS600-FGG484I Datasheet HTML 69Page - Microsemi Corporation P1AFS600-FGG484I Datasheet HTML 70Page - Microsemi Corporation P1AFS600-FGG484I Datasheet HTML 71Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-51
The following error indications are possible for Read operations:
1. STATUS = '01' when a single-bit data error was detected and corrected within the block
addressed.
2. STATUS = '10' when a double-bit error was detected in the block addressed (note that the error is
uncorrected).
In addition to data reads, users can read the status of any page in the FB by asserting PAGESTATUS
along with REN. The format of the data returned by a page status read is shown in Table 2-23, and the
definition of the page status bits is shown in Table 2-24.
Table 2-23 • Page Status Read Data Format
31
8
7
4
3
2
1
0
Write Count Reserved Over Threshold Read Protected
Write Protected
Overwrite Protected
Table 2-24 • Page Status Bit Definition
Page Status
Bit(s)
Definition
31–8
The number of times the page addressed has been programmed/erased
7–4
Reserved; read as 0
3
Over Threshold indicator (see the"Program Operation" section on page 2-48)
2
Read Protected; read protect bit for page, which is set via the JTAG interface and
only affects JTAG operations. This bit can be overridden by using the correct user
key value.
1
Write Protected; write protect bit for page, which is set via the JTAG interface and
only affects JTAG operations. This bit can be overridden by using the correct user
key value.
0
Overwrite Protected; designates that the user has set the OVERWRITEPROTECT
bit on the interface while doing a Program operation. The page cannot be written
without first performing an Unprotect Page operation.


Similar Part No. - P1AFS600-FGG484I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS600 MICROSEMI-P1AFS600 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS6002 MICROSEMI-P1AFS6002 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - P1AFS600-FGG484I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com