Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9261A31CER-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9261A31CER-G
Description  COT Control, 1.5A Synchronous Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9261A31CER-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9261A31CER-G Datasheet HTML 1Page - Torex Semiconductor XC9261A31CER-G Datasheet HTML 2Page - Torex Semiconductor XC9261A31CER-G Datasheet HTML 3Page - Torex Semiconductor XC9261A31CER-G Datasheet HTML 4Page - Torex Semiconductor XC9261A31CER-G Datasheet HTML 5Page - Torex Semiconductor XC9261A31CER-G Datasheet HTML 6Page - Torex Semiconductor XC9261A31CER-G Datasheet HTML 7Page - Torex Semiconductor XC9261A31CER-G Datasheet HTML 8Page - Torex Semiconductor XC9261A31CER-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1/28
XC9260/XC9261Series
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
GENERAL DESCRIPTION
The XC9260/XC9261 series is a group of synchronous-rectification type DC/DC converters with a built-in P-channel MOS driver
transistor and N-channel MOS switching transistor, designed to allow the use of ceramic capacitors. Output voltage is internally
set in a range from 0.8V to 3.6V (accuracy: ±2.0%) increments of 0.05V. The device provides a high efficiency, stable power
supply with an output current of 1.5A to be configured using only a coil and two capacitors connected externally. Oscillation
frequency is set to 1.2MHz or 3.0MHz can be selected for suiting to your particular application.
As for operation mode HiSAT-COT
(*) control excellent in transient response, the XC9260 series is PWM control, the XC9261
series is automatic PWM/PFM switching control, allowing fast response, low ripple and high efficiency over the full range of loads
(from light load to heavy load).
During stand-by, all circuits are shutdown to reduce current consumption to as low as 1.0μA or less. As for the soft-start function
as fast as 0.3ms in typical for quick turn-on. With the built-in UVLO (Under Voltage Lock Out) function, the internal P-channel MOS
driver transistor is forced OFF when input voltage becomes 2.00V or lower. The B types integrate CL High Speed discharge
function which enables the electric charge at the output capacitor CL to be discharged via the internal discharge.
Two types of package SOT-89-5, USP-6C are available.
(*) HiSAT-COT is an original Torex term for High Speed Transient Response.
APPLICATIONS
Mobile phones
Bluetooth headsets
Smart phones, Personal digital assistance
Portable game consoles
Digital still cameras, Camcorders
Codeless phones
Point-of-Load (POL)
TYPICAL APPLICATION CIRCUIT
ETR05042-001
GreenOperation-compatible
TYPICAL PERFORMANCE
CHARACTERISTICS
FEATURES
Input Voltage Range
: 2.7V~5.5V
Output Voltage Range
: 0.8V~3.6V (±2.0%)
Quiescent Current
: 25μA (fOSC=3.0MHz)
Output Current
: 1.5A
Oscillation Frequency
: 1.2MHz, 3.0MHz
Efficiency
:
90%
(VIN=3.7V, VOUT=1.8V, IOUT=200mA)
Control Methods
: HiSAT-COT Control
: 100% Duty Cycle
: PWM Control (XC9260)
: PWM/PFM Auto (XC9261)
Protection Circuits
: Thermal Shutdown
: Current Limit (Pendent character)
: Short Circuit Protection (Type B)
Functions
: Soft-Start
: UVLO
: CL High Speed Discharge (Type B)
Capacitor
: Ceramic Capacitor
Operating Ambient Temperature
:- 40℃ ~ + 105℃
Packages
: SOT-89-5, USP-6C
Environmentally Friendly
: EU RoHS Compliant, Pb Free
1.5A
Lx
VOUT
VIN
CE
VOUT
VIN
CE
L
AGND
PGND
CIN
CL
XC9260A18D / XC9261A18D
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
Output Current: I
OUT (mA)
XC9261
XC9260
L = LQM2MPN1R0MGH(1.0μH)
C
IN=10μ F(GRM155R61A106M) CL=10μ F(GRM155R61A106M)
VIN = 5.0V
VIN = 3.7V
VIN = 5.0V
VIN = 3.7V


Similar Part No. - XC9261A31CER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9263 TOREX-XC9263 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9263A75CMR-G TOREX-XC9263A75CMR-G Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9264 TOREX-XC9264 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9265 TOREX-XC9265 Datasheet
957Kb / 29P
   Ultra Low Power Synchronous Step-Down PFM DC/DC Converter
More results

Similar Description - XC9261A31CER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9259 TOREX-XC9259 Datasheet
1Mb / 28P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9266 TOREX-XC9266 Datasheet
1Mb / 30P
   COT Control, 6.0A Synchronous Step-Down DC/DC Converters
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XDL601 TOREX-XDL601 Datasheet
1Mb / 21P
   HiSAT-COT 짰 Control, 1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
   HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com