Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD-666-850 Datasheet(PDF) 2 Page - OptoDiode Corp

Part # OD-666-850
Description  HIGH-POWER GaAlAs IRLED ILLUMINATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD-666-850 Datasheet(HTML) 2 Page - OptoDiode Corp

  OD-666-850 Datasheet HTML 1Page - OptoDiode Corp OD-666-850 Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-666-850
RADIATION PATTERN
POWER OUTPUT vs TEMPERATURE
BEAM ANGLE, θ(deg)
–100
100
AMBIENT TEMPERATURE (°C)
–50
1.5
80
60
40
20
0
–80
–60
–40
–20
0
20
40
60
80
100
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
–25
0
25
50
75
100
THERMAL DERATING CURVE
AMBIENT TEMPERATURE (°C)
25
50
75
100
1,800
1,000
800
600
400
200
0
2,000
1,600
1,400
1,200
SPECTRAL OUTPUT
WAVELENGTH, λ(nm)
750
100
800
850
900
950
80
60
40
20
0
DEGRADATION CURVE
STRESS TIME, (hrs)
1
1.0
0.9
0.8
0.7
0.6
0.5
10
100
1,000
10,000
TCASE = 25°C
NO PRE BURN-IN PERFORMED
INFINITE
HEAT SINK
NO
HEAT SINK
400 mA
-3 Dev
IF = 250mA
Tj = 95°C
IF = 150mA
Tj = 68°C
IF = 400mA
Tj = 100°C
Revision June 23, 2013


Similar Part No. - OD-666-850

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-666-850 OPTODIODE-OD-666-850 Datasheet
276Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-666-850 OPTODIODE-OD-666-850 Datasheet
371Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-666-850 OPTODIODE-OD-666-850_15 Datasheet
371Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
More results

Similar Description - OD-666-850

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD663-850 OPTODIODE-OD663-850 Datasheet
269Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD666 OPTODIODE-OD666 Datasheet
248Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-663-850 OPTODIODE-OD-663-850_15 Datasheet
353Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-666-850 OPTODIODE-OD-666-850_15 Datasheet
371Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-669 OPTODIODE-OD-669_15 Datasheet
295Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-663 OPTODIODE-OD-663 Datasheet
374Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD669-850 OPTODIODE-OD669-850 Datasheet
272Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-663 OPTODIODE-OD-663_13 Datasheet
250Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-669-850 OPTODIODE-OD-669-850_15 Datasheet
361Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-669 OPTODIODE-OD-669 Datasheet
373Kb / 2P
   HIGH-POWER GaAlAs IRLED ILLUMINATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com