Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS600-FGG256Y Datasheet(PDF) 24 Page - Microsemi Corporation

Part # P1AFS600-FGG256Y
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-FGG256Y Datasheet(HTML) 24 Page - Microsemi Corporation

Back Button P1AFS600-FGG256Y Datasheet HTML 20Page - Microsemi Corporation P1AFS600-FGG256Y Datasheet HTML 21Page - Microsemi Corporation P1AFS600-FGG256Y Datasheet HTML 22Page - Microsemi Corporation P1AFS600-FGG256Y Datasheet HTML 23Page - Microsemi Corporation P1AFS600-FGG256Y Datasheet HTML 24Page - Microsemi Corporation P1AFS600-FGG256Y Datasheet HTML 25Page - Microsemi Corporation P1AFS600-FGG256Y Datasheet HTML 26Page - Microsemi Corporation P1AFS600-FGG256Y Datasheet HTML 27Page - Microsemi Corporation P1AFS600-FGG256Y Datasheet HTML 28Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 334 page
background image
Device Architecture
2-8
Revision 4
Array Coordinates
During many place-and-route operations in the Microsemi Designer software tool, it is possible to set
constraints that require array coordinates. Table 2-3 is provided as a reference. The array coordinates
are measured from the lower left (0, 0). They can be used in region constraints for specific logic
groups/blocks, designated by a wildcard, and can contain core cells, memories, and I/Os.
Table 2-3 provides array coordinates of core cells and memory blocks.
I/O and cell coordinates are used for placement constraints. Two coordinate systems are needed
because there is not a one-to-one correspondence between I/O cells and edge core cells. In addition, the
I/O coordinate system changes depending on the die/package combination. It is not listed in Table 2-3.
The Designer ChipPlanner tool provides array coordinates of all I/O locations. I/O and cell coordinates
are used for placement constraints. However, I/O placement is easier by package pin assignment.
Figure 2-7 illustrates the array coordinates of an AFS600 device. For more information on how to use
array coordinates for region/placement constraints, see the Designer User's Guide or online help
(available in the software) for Fusion software tools.
Table 2-3 • Array Coordinates
Device
VersaTiles
Memory Rows
All
Min.
Max.
Bottom
Top
Min.
Max.
x
y
x
y
(x, y)
(x, y)
(x, y)
(x, y)
AFS090
3
2
98
25
None
(3, 26)
(0, 0)
(101, 29)
AFS250
3
2
130
49
None
(3, 50)
(0, 0)
(133, 53)
AFS600
3
4
194
75
(3, 2)
(3, 76)
(0, 0)
(197, 79)
AFS1500
3
4
322
123
(3, 2)
(3, 124)
(0, 0)
(325, 129)
Note: The vertical I/O tile coordinates are not shown. West side coordinates are {(0, 2) to (2, 2)} to {(0, 77) to (2, 77)};
east side coordinates are {(195, 2) to (197, 2)} to {(195, 77) to (197, 77)}.
Figure 2-7 • Array Coordinates for AFS600
(0, 79)
(197, 1)
Top Row (5, 1) to (168, 1)
Bottom Row (7, 0) to (165, 0)
Top Row (169, 1) to (192, 1)
Memory
Blocks
Memory
Blocks
Memory
Blocks
UJTAG FlashROM
Top Row (7, 79) to (189, 79)
Bottom Row (5, 78) to (192, 78)
I/O Tile
(3, 77)
(3, 76)
Memory
Blocks
(3, 3)
(3, 2)
VersaTile (Core)
(3, 75)
VersaTile (Core)
(3, 4)
(0, 0)
(197, 0)
(194, 2)
(194, 3)
(194, 4)
VersaTile(Core)
(194, 75)
VersaTile (Core)
(197, 79)
(194, 77)
(194, 76)
I/O Tile to Analog Block


Similar Part No. - P1AFS600-FGG256Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS600 MICROSEMI-P1AFS600 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS6002 MICROSEMI-P1AFS6002 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - P1AFS600-FGG256Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com