Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9261B10DPR-G Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9261B10DPR-G
Description  COT Control, 1.5A Synchronous Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9261B10DPR-G Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9261B10DPR-G Datasheet HTML 1Page - Torex Semiconductor XC9261B10DPR-G Datasheet HTML 2Page - Torex Semiconductor XC9261B10DPR-G Datasheet HTML 3Page - Torex Semiconductor XC9261B10DPR-G Datasheet HTML 4Page - Torex Semiconductor XC9261B10DPR-G Datasheet HTML 5Page - Torex Semiconductor XC9261B10DPR-G Datasheet HTML 6Page - Torex Semiconductor XC9261B10DPR-G Datasheet HTML 7Page - Torex Semiconductor XC9261B10DPR-G Datasheet HTML 8Page - Torex Semiconductor XC9261B10DPR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3/28
XC9260/XC9261
Series
PRODUCT CLASSIFICATION
1) Ordering Information
XC9260①②③④⑤⑥-⑦ PWM Control
XC9261①②③④⑤⑥-⑦ PWM/PFM Automatic switching control
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
A
Type
B
Refer to Selection Guide
②③
Output Voltage
08~36
Output voltage options
e.g. 1.2V → ②=1, ③=2
1.25V → ②=1, ③=C
0.05V increments : 0.05=A, 0.15=B, 0.25=C,
0.35=D, 0.45=E, 0.55=F,
0.65=H, 0.75=K, 0.85=L,
0.95=M
C
1.2MHz
Oscillation Frequency
D
3.0MHz
PR-G
SOT-89-5 (1,000/Reel)
⑤⑥
-⑦
(*1)
Packages (Order Unit)
ER-G
USP-6C (3,000/Reel)
2) Selection Guide
TYPE
OUTPUT VOLTAGE
CL AUTO-DISCHARGE
SHORT PROTECTION
(LATCH)
UVLO
A
Fixed
No
No
Yes
B
Fixed
Yes
Yes
Yes
TYPE
CHIP ENABLE
CURRENT LIMIT
SOFT-START TIME
THERMAL SHUTDOWN
A
Yes
Yes
Fixed
Yes
B
Yes
Yes
Fixed
Yes
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully RoHS compliant.


Similar Part No. - XC9261B10DPR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9263 TOREX-XC9263 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9263A75CMR-G TOREX-XC9263A75CMR-G Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9264 TOREX-XC9264 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9265 TOREX-XC9265 Datasheet
957Kb / 29P
   Ultra Low Power Synchronous Step-Down PFM DC/DC Converter
More results

Similar Description - XC9261B10DPR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9259 TOREX-XC9259 Datasheet
1Mb / 28P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9266 TOREX-XC9266 Datasheet
1Mb / 30P
   COT Control, 6.0A Synchronous Step-Down DC/DC Converters
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XDL601 TOREX-XDL601 Datasheet
1Mb / 21P
   HiSAT-COT 짰 Control, 1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
   HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com