Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9261A34CPR-G Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9261A34CPR-G
Description  COT Control, 1.5A Synchronous Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9261A34CPR-G Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9261A34CPR-G Datasheet HTML 4Page - Torex Semiconductor XC9261A34CPR-G Datasheet HTML 5Page - Torex Semiconductor XC9261A34CPR-G Datasheet HTML 6Page - Torex Semiconductor XC9261A34CPR-G Datasheet HTML 7Page - Torex Semiconductor XC9261A34CPR-G Datasheet HTML 8Page - Torex Semiconductor XC9261A34CPR-G Datasheet HTML 9Page - Torex Semiconductor XC9261A34CPR-G Datasheet HTML 10Page - Torex Semiconductor XC9261A34CPR-G Datasheet HTML 11Page - Torex Semiconductor XC9261A34CPR-G Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8/28
XC9260/XC9261Series
ELECTRICAL CHARACTERISTICS (Continued)
SPEC Table
tONmin
VOUT
fOSC=1.2MHz
fOSC=3.0MHz
NOMINAL
OUTPUT
VOLTAGE
<E-1>
<E-2>
<E-3>
<C-1>
<E-5>
<E-6>
<E-7>
<E-5>
<E-6>
<E-7>
VOUT(T)
MIN.
TYP.
MAX.
VIN
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
2.75
2.695
2.750
2.805
4.58
350
500
650
140
200
260
2.80
2.744
2.800
2.856
4.67
350
500
650
140
200
260
2.85
2.793
2.850
2.907
4.75
350
500
650
140
200
260
2.90
2.842
2.900
2.958
4.83
350
500
650
140
200
260
2.95
2.891
2.950
3.009
4.92
350
500
650
140
200
260
3.00
2.940
3.000
3.060
5.00
350
500
650
140
200
260
3.05
2.989
3.050
3.111
5.08
350
500
650
140
200
260
3.10
3.038
3.100
3.162
5.17
350
500
650
140
200
260
3.15
3.087
3.150
3.213
5.25
350
500
650
140
200
260
3.20
3.136
3.200
3.264
5.33
350
500
650
140
200
260
3.25
3.185
3.250
3.315
5.42
350
500
650
140
200
260
3.30
3.234
3.300
3.366
5.50
350
500
650
140
200
260
3.35
3.283
3.350
3.417
5.50
355
508
660
142
203
264
3.40
3.332
3.400
3.468
5.50
361
515
670
144
206
268
3.45
3.381
3.450
3.519
5.50
366
523
680
146
209
272
3.50
3.430
3.500
3.570
5.50
371
530
689
148
212
276
3.55
3.479
3.550
3.621
5.50
377
538
699
151
215
280
3.60
3.528
3.600
3.672
5.50
382
545
709
153
218
284


Similar Part No. - XC9261A34CPR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9263 TOREX-XC9263 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9263A75CMR-G TOREX-XC9263A75CMR-G Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9264 TOREX-XC9264 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9265 TOREX-XC9265 Datasheet
957Kb / 29P
   Ultra Low Power Synchronous Step-Down PFM DC/DC Converter
More results

Similar Description - XC9261A34CPR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9259 TOREX-XC9259 Datasheet
1Mb / 28P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9266 TOREX-XC9266 Datasheet
1Mb / 30P
   COT Control, 6.0A Synchronous Step-Down DC/DC Converters
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XDL601 TOREX-XDL601 Datasheet
1Mb / 21P
   HiSAT-COT 짰 Control, 1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
   HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com