Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS600-1FG484 Datasheet(PDF) 100 Page - Microsemi Corporation

Part # P1AFS600-1FG484
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-1FG484 Datasheet(HTML) 100 Page - Microsemi Corporation

Back Button P1AFS600-1FG484 Datasheet HTML 96Page - Microsemi Corporation P1AFS600-1FG484 Datasheet HTML 97Page - Microsemi Corporation P1AFS600-1FG484 Datasheet HTML 98Page - Microsemi Corporation P1AFS600-1FG484 Datasheet HTML 99Page - Microsemi Corporation P1AFS600-1FG484 Datasheet HTML 100Page - Microsemi Corporation P1AFS600-1FG484 Datasheet HTML 101Page - Microsemi Corporation P1AFS600-1FG484 Datasheet HTML 102Page - Microsemi Corporation P1AFS600-1FG484 Datasheet HTML 103Page - Microsemi Corporation P1AFS600-1FG484 Datasheet HTML 104Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 334 page
background image
Device Architecture
2-84
Revision 4
The third part of the Analog Quad is called the Gate Driver Block, and its output pin is named AG. This
section is used to drive an external FET. There are two modes available: a High Current Drive mode and
a Current Source Control mode. Both negative and positive voltage polarities are available, and in the
current source control mode, four different current levels are available.
The fourth section of the Analog Quad is called the Temperature Monitor Block, and its input pin name is
AT. This block is similar to the Voltage Monitor Block, except that it has an additional function: it can be
used to monitor the temperature of an external diode-connected transistor. It has a modified prescaler
and is limited to positive voltages only.
The Analog Quad can be configured during design time by Libero SoC; however, the ACM can be used
to change the parameters of any of these I/Os during runtime. This type of change is referred to as a
context switch. The Analog Quad is a modular structure that is replicated to generate the analog I/O
resources. Each Fusion device supports between 5 and 10 Analog Quads.
The analog pads are numbered to clearly identify both the type of pad (voltage, current, gate driver, or
temperature pad) and its corresponding Analog Quad (AV0, AC0, AG0, AT0, AV1, …, AC9, AG9, and
AT9). There are three types of input pads (AVx, ACx, and ATx) and one type of analog output pad (AGx).
Since there can be up to 10 Analog Quads on a device, there can be a maximum of 30 analog input pads
and 10 analog output pads.
Figure 2-65 • Analog Quad
Analog Quad
AV
AC
AT
Voltage
Monitor Block
Current
Monitor Block
AG
Prescaler
Prescaler
Prescaler
Digital
Input
Power
MOSFET
Gate Driver
Current
Monitor/Instr
Amplifier
Temperature
Monitor
Digital
Input
Digital
Input
Pads
To Analog MUX
To Analog MUX
To Analog MUX
To FPGA
(DAVOUTx)
To FPGA
(DACOUTx)
To FPGA
(DATOUTx)
On-Chip
Gate
Driver
Temperature
Monitor Block
Off-Chip
From FPGA
(GDONx)


Similar Part No. - P1AFS600-1FG484

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS600 MICROSEMI-P1AFS600 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS6002 MICROSEMI-P1AFS6002 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - P1AFS600-1FG484

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com