Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS600-PQ484 Datasheet(PDF) 100 Page - Microsemi Corporation

Part No. P1AFS600-PQ484
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-PQ484 Datasheet(HTML) 100 Page - Microsemi Corporation

Back Button P1AFS600-PQ484 Datasheet HTML 96Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 97Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 98Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 99Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 100Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 101Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 102Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 103Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 104Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 334 page
background image
Device Architecture
2-84
Revision 4
The third part of the Analog Quad is called the Gate Driver Block, and its output pin is named AG. This
section is used to drive an external FET. There are two modes available: a High Current Drive mode and
a Current Source Control mode. Both negative and positive voltage polarities are available, and in the
current source control mode, four different current levels are available.
The fourth section of the Analog Quad is called the Temperature Monitor Block, and its input pin name is
AT. This block is similar to the Voltage Monitor Block, except that it has an additional function: it can be
used to monitor the temperature of an external diode-connected transistor. It has a modified prescaler
and is limited to positive voltages only.
The Analog Quad can be configured during design time by Libero SoC; however, the ACM can be used
to change the parameters of any of these I/Os during runtime. This type of change is referred to as a
context switch. The Analog Quad is a modular structure that is replicated to generate the analog I/O
resources. Each Fusion device supports between 5 and 10 Analog Quads.
The analog pads are numbered to clearly identify both the type of pad (voltage, current, gate driver, or
temperature pad) and its corresponding Analog Quad (AV0, AC0, AG0, AT0, AV1, …, AC9, AG9, and
AT9). There are three types of input pads (AVx, ACx, and ATx) and one type of analog output pad (AGx).
Since there can be up to 10 Analog Quads on a device, there can be a maximum of 30 analog input pads
and 10 analog output pads.
Figure 2-65 • Analog Quad
Analog Quad
AV
AC
AT
Voltage
Monitor Block
Current
Monitor Block
AG
Prescaler
Prescaler
Prescaler
Digital
Input
Power
MOSFET
Gate Driver
Current
Monitor/Instr
Amplifier
Temperature
Monitor
Digital
Input
Digital
Input
Pads
To Analog MUX
To Analog MUX
To Analog MUX
To FPGA
(DAVOUTx)
To FPGA
(DACOUTx)
To FPGA
(DATOUTx)
On-Chip
Gate
Driver
Temperature
Monitor Block
Off-Chip
From FPGA
(GDONx)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn