Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS600-PQ484 Datasheet(PDF) 77 Page - Microsemi Corporation

Part No. P1AFS600-PQ484
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-PQ484 Datasheet(HTML) 77 Page - Microsemi Corporation

Back Button P1AFS600-PQ484 Datasheet HTML 73Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 74Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 75Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 76Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 77Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 78Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 79Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 80Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 81Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-61
The following signals are used to configure the RAM4K9 memory element:
WIDTHA and WIDTHB
These signals enable the RAM to be configured in one of four allowable aspect ratios (Table 2-27).
BLKA and BLKB
These signals are active low and will enable the respective ports when asserted. When a BLKx signal is
deasserted, the corresponding port’s outputs hold the previous value.
WENA and WENB
These signals switch the RAM between read and write mode for the respective ports. A Low on these
signals indicates a write operation, and a High indicates a read.
CLKA and CLKB
These are the clock signals for the synchronous read and write operations. These can be driven
independently or with the same driver.
PIPEA and PIPEB
These signals are used to specify pipelined read on the output. A Low on PIPEA or PIPEB indicates a
nonpipelined read, and the data appears on the corresponding output in the same clock cycle. A High
indicates a pipelined, read and data appears on the corresponding output in the next clock cycle.
WMODEA and WMODEB
These signals are used to configure the behavior of the output when the RAM is in write mode. A Low on
these signals makes the output retain data from the previous read. A High indicates pass-through
behavior, wherein the data being written will appear immediately on the output. This signal is overridden
when the RAM is being read.
RESET
This active low signal resets the output to zero, disables reads and writes from the SRAM block, and
clears the data hold registers when asserted. It does not reset the contents of the memory.
ADDRA and ADDRB
These are used as read or write addresses, and they are 12 bits wide. When a depth of less than 4 k is
specified, the unused high-order bits must be grounded (Table 2-28).
Table 2-27 • Allowable Aspect Ratio Settings for WIDTHA[1:0]
WIDTHA1, WIDTHA0
WIDTHB1, WIDTHB0
D×W
00
00
4k×1
01
01
2k×2
10
10
1k×4
11
11
512×9
Note: The aspect ratio settings are constant and cannot be changed on the fly.
Table 2-28 • Address Pins Unused/Used for Various Supported Bus Widths
D×W
ADDRx
Unused
Used
4k×1
None
[11:0]
2k×2
[11]
[10:0]
1k×4
[11:10]
[9:0]
512×9
[11:9]
[8:0]
Note: The "x" in ADDRx implies A or B.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn