Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS600-PQ484 Datasheet(PDF) 73 Page - Microsemi Corporation

Part No. P1AFS600-PQ484
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-PQ484 Datasheet(HTML) 73 Page - Microsemi Corporation

Back Button P1AFS600-PQ484 Datasheet HTML 69Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 70Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 71Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 72Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 73Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 74Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 75Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 76Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-57
FlashROM Characteristics
Figure 2-46 • FlashROM Timing Diagram
Table 2-26 • FlashROM Access Time
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tSU
Address Setup Time
0.53
0.61
0.71
ns
tHOLD
Address Hold Time
0.00
0.00
0.00
ns
tCK2Q
Clock to Out
21.42
24.40
28.68
ns
FMAX
Maximum Clock frequency
15.00
15.00
15.00
MHz
tSU
tHOLD
Address
A0
tCK2Q
D0
D0
A1
tSU
tHOLD
tCK2Q
D1
tSU
tHOLD
tCK2Q


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn