Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS600-PQ484 Datasheet(PDF) 61 Page - Microsemi Corporation

Part No. P1AFS600-PQ484
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-PQ484 Datasheet(HTML) 61 Page - Microsemi Corporation

Back Button P1AFS600-PQ484 Datasheet HTML 57Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 58Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 59Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 60Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 61Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 62Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 63Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 64Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 65Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-45
Flash Memory Block Addressing
Figure 2-34 shows a graphical representation of the flash memory block.
Each FB is partitioned into sectors, pages, blocks, and bytes. There are 64 sectors in an FB, and each
sector contains 32 pages and 1 spare page. Each page contains 8 data blocks and 1 auxiliary block.
Each data block contains 16 bytes of user data, and the auxiliary block contains 4 bytes of user data.
Addressing for the FB is shown in Table 2-20.
When the spare page of a sector is addressed (SPAREPAGE active), ADDR[11:7] are ignored.
When the Auxiliary block is addressed (AUXBLOCK active), ADDR[6:2] are ignored.
Note: The spare page of sector 0 is unavailable for any user data. Writes to this page will return an error,
and reads will return all zeroes.
Figure 2-34 • Flash Memory Block Organization
Block Organization
140
Block
0
12
3
4
5
6
7
. . .
.
Se
cto
r 0
Se
cto
r 1
Se
cto
r n
33
Pages
Page 0
Page 1
Page 2
Page 3
Page 31
Spare Page
1190
Notes:
1 block = 128 bits
1 page = 8 blocks plus the AUX block
1 sector = 33 pages
1 Flash array = 64 sectors
Table 2-20 • FB Address Bit Allocation ADDR[17:0]
17
12
11
76430
Sector
Page
Block
Byte


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn